Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7748L1TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7748L1TRPBF
Description  DirectFET??Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7748L1TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7748L1TRPBF Datasheet HTML 1Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 2Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 3Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 4Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 5Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 6Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 7Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 8Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.irf.com
© 2012 International Rectifier
February 18, 2013
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRF7748L1TRPbF
DirectFET Large Can
Tape and Reel
4000
IRF7748L1TRPbF
Applications

RoHS Compliant, Halogen Free 

Lead-Free (Qualified up to 260°C Reflow) 

Ideal for High Performance Isolated Converter
Primary Switch Socket

Optimized for Synchronous Rectification

Low Conduction Losses

High Cdv/dt Immunity

Low Profile (<0.7mm)

Dual Sided Cooling Compatible 

Compatible with existing Surface Mount Techniques 

Industrial Qualified
DirectFET™ Power MOSFET
Fig 1. Typical On-Resistance vs. Gate Voltage
DirectFET™ ISOMETRIC
 
 
L6
Ordering Information
VDSS
VGS
RDS(on)
60V min
±20V max
1.7m
@ 10V
Qg tot
Qgd
Vgs(th)
146nC
40nC
2.9V
D
D
G
S
SS
SS
S
Applicable DirectFET Outline and Substrate Outline
 
SB
SC
M2
M4
L4
L6
L8
Description
The IRF7748L1TRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packag-
ing to achieve the lowest on-state resistance in a package that has a footprint smaller than a D2PAK and only 0.7 mm profile. The
DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor
phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods
and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems.
The IRF7748L1TRPbF is optimized for high frequency switching and synchronous rectification applications. The reduced total losses
in the device coupled with the high level of thermal performance enables high efficiency and low temperatures, which are key for sys-
tem reliability improvements, and makes this device ideal for high performance power converters.
Absolute Maximum Ratings
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
148
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
104
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
28
A  
IDM
Pulsed Drain Current
592
 
EAS
Single Pulse Avalanche Energy 
129
mJ
IAR
Avalanche Current 
89
A
Notes
Click on this section to link to the appropriate technical paper.
Click on this section to link to the DirectFET Website.
Surface mounted on 1 in. square Cu board, steady state.
 
TC measured with thermocouple mounted to top (Drain) of part.
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.033mH, RG = 50, IAS = 89A.
0
25
50
75
100
125
150
175
200
ID, Drain Current (A)
1.0
1.5
2.0
2.5
3.0
V GS = 7V
V GS = 6V
V GS = 10V
V GS = 12V
Fig 2. Typical On-Resistance vs. Drain Current
2
4
6
8
10
12
14
16
18
20
V GS, Gate -to -Source Voltage (V)
0
2
4
6
8
I D = 89A
T J = 25°C
T J = 125°C
IRF7748L1TRPbF
Typical values (unless otherwise specified)


Similar Part No. - IRF7748L1TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7748L1PBF IRF-IRF7748L1PBF Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
More results

Similar Description - IRF7748L1TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com