Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7748L1TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7748L1TRPBF
Description  DirectFET??Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7748L1TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7748L1TRPBF Datasheet HTML 2Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 3Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 4Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 5Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 6Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 7Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 8Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 9Page - International Rectifier IRF7748L1TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.irf.com
© 2012 International Rectifier
February 18, 2013
 
IRF7748L1TRPbF
Fig 19a. Unclamped Inductive Test Circuit
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 20a. Switching Time Test Circuit
Fig 18a. Gate Charge Test Circuit
tp
V(BR)DSS
IAS
Fig 19b. Unclamped Inductive Waveforms
Fig 20b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 18b. Gate Charge Waveform


Similar Part No. - IRF7748L1TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7748L1PBF IRF-IRF7748L1PBF Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
More results

Similar Description - IRF7748L1TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com