Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7737L2TR1PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF7737L2TR1PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7737L2TR1PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF7737L2TR1PBF Datasheet HTML 2Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 3Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 4Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 5Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 6Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 7Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 8Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 9Page - International Rectifier IRF7737L2TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com
IRF7737L2TR/TR1PbF
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd. , El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 10/2011
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET® Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
Notes:
† Starting TJ = 25°C, L = 0.024mH, RG = 50Ω, IAS = 94A.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ˆ Used double sided cooling, mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
Note
Form
Quantity
IRF7737L2TRPbF
DirectFET2 Large Can
Tape and Reel
4000
"TR" suffix
IRF7737L2TR1PbF
DirectFET2 Large Can
Tape and Reel
1000
"TR1" suffix
Part number
Package Type
Standard Pack
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Qualification Information
Qualification level
Industrial
††
(per JEDEC JESD47F††† guidelines)
Yes
Moisture Sensitivity Level
DFET2
Comments: This family of products has passed JEDEC’s Industrial
qualification. IR’s Consumer qualification level is granted by extension of the
higher Industrial level.


Similar Part No. - IRF7737L2TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com