Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6620PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6620PBF
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6620PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6620PBF Datasheet HTML 1Page - International Rectifier IRF6620PBF Datasheet HTML 2Page - International Rectifier IRF6620PBF Datasheet HTML 3Page - International Rectifier IRF6620PBF Datasheet HTML 4Page - International Rectifier IRF6620PBF Datasheet HTML 5Page - International Rectifier IRF6620PBF Datasheet HTML 6Page - International Rectifier IRF6620PBF Datasheet HTML 7Page - International Rectifier IRF6620PBF Datasheet HTML 8Page - International Rectifier IRF6620PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
5/11/06
Notes
 through Š are on page 2
DirectFET
™ ISOMETRIC
MX
Applicable DirectFET Outline and Substrate Outline (see p.8,9 for details)
VDSS
RDS(on) max
Qg(typ.)
20V
2.7m
Ω@VGS = 10V
28nC
3.6m
Ω@VGS = 4.5V
Description
The IRF6620PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows
dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6620PbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6620PbF has been optimized for parameters that are critical in synchronous buck
operating from 12 volt bus converters including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6620PbF offers particu-
larly low Rds(on) and high Cdv/dt immunity for synchronous FET applications.
SQ
SX
ST
MQ
MX
MT
PD - 97092
IRF6620PbF
IRF6620TRPbF
l RoHS Compliant

l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

DirectFET
™ Power MOSFET ‚
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
k
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
Ãh
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
h
IDM
Pulsed Drain Current
e
PD @TC = 25°C
Power Dissipation
k
PD @TA = 70°C
Power Dissipation
h
W
PD @TA = 25°C
Power Dissipation
h
EAS
Single Pulse Avalanche Energy
f
mJ
IAR
Avalanche Current
Ãg
A
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
hl
–––
45
RθJA
Junction-to-Ambient
il
12.5
–––
RθJA
Junction-to-Ambient
jl
20
–––
°C/W
RθJC
Junction-to-Case
kl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Max.
27
22
220
±20
20
150
-40 to + 150
89
0.017
1.8
2.8
39
22


Similar Part No. - IRF6620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6620PBF IRF-IRF6620PBF_15 Datasheet
239Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com