Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6614PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6614PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6614PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF6614PBF Datasheet HTML 2Page - International Rectifier IRF6614PBF Datasheet HTML 3Page - International Rectifier IRF6614PBF Datasheet HTML 4Page - International Rectifier IRF6614PBF Datasheet HTML 5Page - International Rectifier IRF6614PBF Datasheet HTML 6Page - International Rectifier IRF6614PBF Datasheet HTML 7Page - International Rectifier IRF6614PBF Datasheet HTML 8Page - International Rectifier IRF6614PBF Datasheet HTML 9Page - International Rectifier IRF6614PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF6614PbF
6
www.irf.com
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16c. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 16b. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 17a. Switching Time Test Circuit
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L


Similar Part No. - IRF6614PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6614PBF IRF-IRF6614PBF Datasheet
275Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6614PBF IRF-IRF6614PBF_15 Datasheet
275Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com