Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCWB309 Datasheet(PDF) 4 Page - Calogic, LLC

Part # XCWB309
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

XCWB309 Datasheet(HTML) 4 Page - Calogic, LLC

  XCWB309 Datasheet HTML 1Page - Calogic, LLC XCWB309 Datasheet HTML 2Page - Calogic, LLC XCWB309 Datasheet HTML 3Page - Calogic, LLC XCWB309 Datasheet HTML 4Page - Calogic, LLC XCWB309 Datasheet HTML 5Page - Calogic, LLC XCWB309 Datasheet HTML 6Page - Calogic, LLC XCWB309 Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CWB308 / CWB309
CORPORATION
50
D
S
C
V+
C
V-
LOGIC 1 = +5V
A
B
µ
C = 0.22 F // 10 F
OFF-ISOLATION
PHILIPS
SCOPE
KROHNHITE
240D
(or equivalent)
50
µ
PM3214
(or equivalent)
IN
IL
V+
LT
GND
V-
S
D
CMOS CIRCUITRY
DMOS SWITCH
FUNCTIONAL BLOCK DIAGRAMS (1 of 4 channels)
SWITCHING TIMES TEST CIRCUIT
T = +25 C
A
o
OFF ISOLATION REJECTION RATIO
-VS-
FREQUENCY
60
55
50
45
40
35
20
30
40
50
60
70
80
90 100
f - Frequency (MHz
V-, V+ = +15V
_
R = 50
L
Switch Contacts:
Switches are bi-directional (Analog Input can be to
Source or Drain. However, for optimum performance in
Video Application, connect Input to Source and Output
to Drain.
OFF ISOLATION TEST CIRCUIT
+15V
-15V
C = 35pF
SWITCH
OUTPUT
SWITCH
INPUT
+3V
R =
1K
L
L
LOGIC
INPUT
SWICHING TIMES
-VS-
SUPPLY VOLTAGES
300
200
100
0
T = +25 C
A
o
t
on
t
off
Supply Voltages (Volts)
+5
+10
+15
_
_
_


Similar Part No. - XCWB309

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
XCWB201 CALOGIC-XCWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
XCWB211 CALOGIC-XCWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
XCWB2214 CALOGIC-XCWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
XCWB2269 CALOGIC-XCWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
XCWB5341 CALOGIC-XCWB5341 Datasheet
36Kb / 3P
   Dual Monolithic CMOS/DMOS T Configuration Analog Switch
More results

Similar Description - XCWB309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com