Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21141SS Datasheet(PDF) 2 Page - International Rectifier

Part # IR21141SS
Description  HALF-BRIDGE GATE DRIVER IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 2 Page - International Rectifier

  IR21141SS Datasheet HTML 1Page - International Rectifier IR21141SS Datasheet HTML 2Page - International Rectifier IR21141SS Datasheet HTML 3Page - International Rectifier IR21141SS Datasheet HTML 4Page - International Rectifier IR21141SS Datasheet HTML 5Page - International Rectifier IR21141SS Datasheet HTML 6Page - International Rectifier IR21141SS Datasheet HTML 7Page - International Rectifier IR21141SS Datasheet HTML 8Page - International Rectifier IR21141SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
2
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. All voltage parameters are absolute
voltages referenced to VSS. The VS offset rating is tested with all supplies biased at a 15 V differential.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
VS + 11.5
VS + 20
IR21141
VSS
600
VS
High side floating supply offset voltage
††
IR22141
VSS
1200
VHO
High side output voltage (HOP, HON and SSDH)
VS
VS + 20
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM
VCC
VCC
Low side and logic fixed supply voltage (Note 1)
11.5
20
COM
Power ground
-5
5
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
VSS
VCC
VFLT
Fault input/output voltage (FAULT/SD and SY_FLT)
VSS
VCC
VDSH
High side DS pin input voltage
VS - 2.0
VB
VDSL
Low side DS pin input voltage
VCOM - 2.0
VCC
V
tPWHIN
High side pulse width for HIN input
1
µs
TA
Ambient temperature
-40
125
°C
While internal circuitry is operational below the indicated supply voltages, the UV lockout disables the output
drivers if the UV thresholds are not reached. A minimum supply voltage of 8V is recommended for the driver
to operate safely under switching conditions at VS pin (please refer to the “start-up sequence” in application
section of this document)
††
Logic operational for VS from VSS-5 V to VSS +600 V or 1200 V. Logic state held for VS from VSS -5 V to VSS-
VBS. For a negative spike on VB (referenced to VSS) of less than 200ns the IC will withstand a sustained peak
of -40V under normal operation and an isolated event of up to -70V peak spike (please refer to the Design
Tip DT97-3 for more details).
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS, all currents are defined positive into any lead The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB - 25
VB + 0.3
IR21141
-0.3
625
VB
High side floating supply voltage
IR22141
-0.3
1225
VHO
High side floating output voltage (HOP, HON and SSDH)
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
COM
Power ground
VCC - 25
VCC + 0.3
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM -0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
-0.3
VCC + 0.3
VFLT
Fault input/output voltage (FAULT/SD and SY_FLT)
-0.3
VCC + 0.3
VDSH
High side DS input voltage
VS -3
VB + 0.3
VDSL
Low side DS input voltage
VCOM -3
VCC + 0.3
V
dVs/dt
Allowable offset voltage slew rate
50
V/ns
PD
Package power dissipation @ TA ≤ 25 °C
1.5
W
RthJA
Thermal resistance, junction to ambient
65
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C


Similar Part No. - IR21141SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21141SSPBF IRF-IR21141SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
More results

Similar Description - IR21141SS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
   HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2214SS IRF-IR2214SS Datasheet
308Kb / 28P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
   High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com