Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80D6S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DS80D6S
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS80D6S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DS80D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS80D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS80D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS80D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEL GENERATOR SET
DS80D6S
80 kWe /60 Hz /Standby
208 - 600V
(Reference DP80D6S for Prime Rating Technical Data)
SYSTEM RATINGS
Standby
DS80D6SGA
DS80D6SDA
DS80D6SPA
DS80D6SJA
DS80D6SRA
DS80D6SNA
Voltage (L-L)
240V**
240V**
208V**
240V**
480V**
600V**
Phase
1
1
3
3
3
3
PF
1.0
1.0
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
60
kW
80
80
80
80
80
80
kVA
80
80
100
100
100
100
Amps
333
333
278
241
120
96
skVA@30%
Voltage Dip
157
310
216
216
288
235
Generator Model
363CSL1607
363CSL1617
362CSL1604
362CSL1604
362CSL1604
362PSL1635
Temp Rise
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
Connection
12 LEAD ZIG-ZAG
4 LEAD
12 LEAD LOW WYE
12 LEAD HI DELTA
12 LEAD HI WYE
4 LEAD WYE
** UL 2200 Offered
// 
Emissions – EPA Tier 3 Certified
// 
Generator set is designed and manufactured
in facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
Seismic Certification – Optional
– IBC Certification
– OSHPD Pre-Approval
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for
Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
CERTIFICATIONS AND STANDARDS


Similar Part No. - DS80D6S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8005 MAXIM-DS8005 Datasheet
341Kb / 20P
   Smart Card Intergace
Rev 0; 4/10
DS8005-RRX++ MAXIM-DS8005-RRX+ Datasheet
341Kb / 20P
   Smart Card Intergace
Rev 0; 4/10
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
   Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
More results

Similar Description - DS80D6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com