Electronic Components Datasheet Search |
|
XIT1700 Datasheet(PDF) 1 Page - Calogic, LLC |
|
XIT1700 Datasheet(HTML) 1 Page - Calogic, LLC |
1 / 2 page P-Channel Enhancement Mode MOSFET General Purpose Amplifier IT1700 FEATURES •• Low ON-Resistance •• High Gain •• Low Noise Voltage •• High Input Impedance •• Low Leakage ABSOLUTE MAXIMUM RATINGS (TA = 25 oC unless otherwise specified) Drain-Source and Gate-Source Voltage . . . . . . . . . . . . . -40V Peak Gate-Source Voltage (Note 1) . . . . . . . . . . . . . . . ±125V Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Storage Temperature . . . . . . . . . . . . . . . . . . -65 oC to +200oC Operating Temperature Range . . . . . . . . . . . -55 oC to +150oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300 oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW Derate above 25 oC . . . . . . . . . . . . . . . . . . . . . . . . 3mW/oC NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING INFORMATION Part Package Temperature Range IT1700 Hermetic TO-72 -55 oC to +150oC XIT1700 Sorted Chips in Carriers -55 oC to +150oC CORPORATION PIN CONFIGURATION TO-72 G D C S 1503 |
Similar Part No. - XIT1700 |
|
Similar Description - XIT1700 |