Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP250D6S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DP250D6S
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DP250D6S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DP250D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DP250D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DP250D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DP250D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEL GENERATOR SET
DP250D6S
250 kWe /60 Hz /Prime
208 - 600V
(Reference DS275D6S for Standby Rating Technical Data)
SYSTEM RATINGS
Prime
DP250D6SPA
DP250D6SJA
DP250D6SVA
DP250D6SWA
DP250D6SRA
DP250D6SNA
Voltage (L-L)
208V**
240V**
380V
440V
480V**
600V**
Phase
3
3
3
3
3
3
PF
0.8
0.8
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
60
kW
250
250
250
250
250
250
kVA
312
312
312
312
312
312
Amps
867
752
475
410
376
301
skVA@30%
Voltage Dip
930
930
640
860
809
720
Generator Model
433CSL6216
433CSL6216
433CSL6216
433CSL6216
432CSL6210
432PSL6246
Temp Rise
105 °C/40 °C
105 °C/40 °C
105 °C/40 °C
105 °C/40 °C
105 °C/40 °C
105 °C/40 °C
Connection
12 LEAD LOW WYE
12 LEAD HI DELTA
1
2 LEAD HI WYE
12 LEAD HI WYE
12 LEAD HI WYE
4 LEAD WYE
** UL 2200 Offered
// 
Emissions – EPA Tier 3 Certified
// 
Generator set is designed and manufactured
in facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
- Permissible average power output during 24 hours of
operation is approved up to 75%.
CERTIFICATIONS AND STANDARDS


Similar Part No. - DP250D6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525A ETC-DP2525A Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525B ETC-DP2525B Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
DP2525C ETC-DP2525C Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
   Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
More results

Similar Description - DP250D6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com