Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB309 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CWB309
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB309 Datasheet(HTML) 1 Page - Calogic, LLC

  CWB309 Datasheet HTML 1Page - Calogic, LLC CWB309 Datasheet HTML 2Page - Calogic, LLC CWB309 Datasheet HTML 3Page - Calogic, LLC CWB309 Datasheet HTML 4Page - Calogic, LLC CWB309 Datasheet HTML 5Page - Calogic, LLC CWB309 Datasheet HTML 6Page - Calogic, LLC CWB309 Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CMOS/DMOS
Quad Monolithic SPST
Wide Band Analog Switches
CWB308 / CWB309
FEATURES
•• Low Insertion Loss . . . . . . . . . . . . . 0.9 x DC @ 100MHz
•• Low Channel-to-Channel Crosstalk. . . . . . . . . . . . -80dB
•• High OFF Isolation . . . . . . . . . . . . . . . . . 68dB @ 10MHz
•• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . <140ns
•• Low ON Resistance. . . . . . . . . . . . . . . . . . . . . . 40Ω (typ)
APPLICATIONS
•• High Speed Multiplexing
•• RF & Video Switches
•• Sample and Hold Switches
•• Track and Hold Switches
•• Computer Peripherals
DESCRIPTION
The Calogic CWB308 and CWB309 feature fast switching
(<140ns) and low ON resistance (<40
Ω) for excellent
performance in applications in communications, computer
peripherals and instrument controls. This series combines
low power CMOS input logic and level translation circuitry with
high speed, low capacitance DMOS switches in a monolithic
structure.
The CWB308 and CWB309 have CMOS
compatible inputs and also have a standard pin configuration
for second sourcing.
ORDERING INFORMATION
Part
Package
Temperature Range
CWB308CP
Plastic 16-Pin Dip
0 to +85
oC
CWB308CY
Plastic SO-16 Surface Mount 0 to +85
oC
XCWB308
Sorted Chips in Carriers
0 to +85
oC
CWB309CP
Plastic 16-Pin Dip
0 to +85
oC
CWB309CY
Plastic SO-16 Surface Mount 0 to +85
oC
XCWB309
Sorted Chips in Carriers
0 to +85
oC
CORPORATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
IN2
D2
S2
V+
N/C
S3
D3
IN3
IN2
D2
S2
V+
N/C
S3
D3
IN3
TOP VIEW
TOP VIEW
16-PIN DIP
SO-16
CWB308CY
CWB309CY
CWB308CP
CWB309CP
Logic
CWB308
CWB309
0
OFF
ON
1
ON
OFF
All devices contain diodes to protect inputs against damage due
to high static voltages or electric fields; however, it is advised that
precautions be taken not to exceed the maximum recommended
input voltages.
All unused inputs must be connected to an
appropriate logic level (either Vcc or GND).
LOGIC TABLE
PIN CONFIGURATION
FUNCTIONAL BLOCK DIAGRAMS
IN
IN
IN
IN
S
D
3
4
1
2
S
D
S
D
S
D
1
1
2
2
3
3
4
4
IN
IN
IN
IN
S
D
3
4
1
2
S
D
S
D
S
D
1
1
2
2
3
3
4
4
Four SPST Switches per Package.
Switches shown in Logic '1' Input Position.
CWB308
CWB309
CWB


Similar Part No. - CWB309

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CP CALOGIC-CWB211CP Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
More results

Similar Description - CWB309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com