Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1250-XC6DT2-STANDBY Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation

Part # 1250-XC6DT2-STANDBY
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

1250-XC6DT2-STANDBY Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation

  1250-XC6DT2-STANDBY Datasheet HTML 1Page - MTU Onsite Energy Corporation 1250-XC6DT2-STANDBY Datasheet HTML 2Page - MTU Onsite Energy Corporation 1250-XC6DT2-STANDBY Datasheet HTML 3Page - MTU Onsite Energy Corporation 1250-XC6DT2-STANDBY Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
///  /
1250-XC6DT2
EMISSIONS DATA
NOx + NMHC
CO
PM
5.35
0.5
0.05
All units are in g/hp-hr and at 100% load.
Emission levels of the engine may vary as a function of ambient
temperature, barometric pressure, humidity, fuel type and
quality, installation parameters, measuring instrumentation,
etc. The data provided are laboratory results from one
engine representing this rating. The data was obtained
under controlled environmental conditions with calibrated
instrumentation traceable to the United States National Bureau
of Standards and in compliance with US EPA regulations found
within 40 CFR Part 89. The weighted cycle value (not shown)
from each engine is guaranteed to be below the US EPA
Standards at the US EPA defined conditions.
RATING DEFINITIONS AND CONDITIONS
// 
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload
capability for this rating. Ratings are in accordance with
ISO 8528-1, ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
// 
Deration Factor:
Altitude: Consult your local MTU Onsite Energy Power
Generation Distributor for altitude derations.
Temperature: Consult your local MTU Onsite Energy Power
Generation Distributor for temperature derations.
WEIGHTS AND DIMENSIONS
SOUND DATA
Unit Type
Standby Full Load
Level 0: Open Power Unit dB(A)
91.9
System
Dimensions (L x W x H)
Weight (less tank)
OPU
6,170 x 2,260 x 2,900 mm (242.88 x 89 x 114.25 in)
13,786 kg (30,392 lb)
Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design. See website
for unit specific template drawings.
Materials and specifications subject to change without notice.
C/F = Consult Factory/MTU Onsite Energy Distributor
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust.
MTU Onsite Energy
A Rolls-Royce Power Systems Brand
www.mtuonsiteenergy.com


Similar Part No. - 1250-XC6DT2-STANDBY

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1250-XC6DT2 MTU-1250-XC6DT2 Datasheet
567Kb / 4P
   DIESEL ENGINE-GENERATOR SET
More results

Similar Description - 1250-XC6DT2-STANDBY

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com