Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB308 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CWB308
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB308 Datasheet(HTML) 2 Page - Calogic, LLC

  CWB308 Datasheet HTML 1Page - Calogic, LLC CWB308 Datasheet HTML 2Page - Calogic, LLC CWB308 Datasheet HTML 3Page - Calogic, LLC CWB308 Datasheet HTML 4Page - Calogic, LLC CWB308 Datasheet HTML 5Page - Calogic, LLC CWB308 Datasheet HTML 6Page - Calogic, LLC CWB308 Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CWB308 / CWB309
CORPORATION
ABSOLUTE MAXIMUM RATINGS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . . . . . . -20V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . +20V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . V+ +0.3V
V- -0.3V
IL
Continuous Current, any Pin except S or D. . . . . . 20mA
IS
Continuous Current, S or D . . . . . . . . . . . . . . . . . . 30mA
IS
Peak Pulsed Current, S or D, 80
µsec, 1%,
Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180mA
TJ
Junction Temperature Range. . . . . . . . . . -55 to +125
oC
TS
Storage Temperature Range . . . . . . . . . . -55 to +125
oC
PD
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . 500mW
RECOMMENDED OPERATING CONDITIONS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . -8.0 to -15V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . +8.0 to +15V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . 0 to +5V
VS
Analog Switch Voltage Range . . . . . . . . . . . -10 to +10V
TOP Operating Temperature . . . . . . . . . . . . . . . . 0 to +85
oC
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted, TA = +25
oC)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
STATIC
VANALOG
Analog Signal Range
-10
+10
V
rDS(ON)
Switch ON Resistance
40
80
ohms
VS = -10V
45
80
VS = +2.0V
100
160
VS = +10V
VIH
High Level Input Voltage
4.5
3.4
V
VIL
Low Level Input Voltage
1.0
IIN
Logic Input Leakage Current
0.01
0.1
µA
VIN = +5.0V
0.02
0.1
VIN = +15V
ID(OFF)
Switch OFF Leakage Current
0.2
5.0
nA
VD = +10V, VS = -10V
CWB309
VIN = 5.0V
CWB308
VIN = 1.0V
IS(OFF)
0.4
5.0
VS = +10V, VD = -10V
I-
Negative Supply Quiescent Current
-0.1
-0.5
µA
I+
Positive Supply Quiescent Current
0.1
0.5
DYNAMIC
tON
Switch Turn-ON Time
140
250
nSec
VIN = 1.0V CWB308
VIN = 5.0V CWB309
tOFF
Switch Turn-OFF Time
80
220
OIRR
Off Isolation Rejection Ratio
60
62
dB
f = 10MHz, RL = 50
CCRR
Cross-Coupling Rejection Ratio
80
f = 10MHz, RL = 50
Cd
Drain-Node Capacitance
0.3
pF
VIN = 1.0V CGWB308
VIN = 5.0V CWB309
VD = VS = 0, f = 1MHz
Cs
Source-Node Capacitance
3.0


Similar Part No. - CWB308

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CP CALOGIC-CWB211CP Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
More results

Similar Description - CWB308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com