Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB308 Datasheet(PDF) 5 Page - Calogic, LLC

Part # CWB308
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB308 Datasheet(HTML) 5 Page - Calogic, LLC

  CWB308 Datasheet HTML 1Page - Calogic, LLC CWB308 Datasheet HTML 2Page - Calogic, LLC CWB308 Datasheet HTML 3Page - Calogic, LLC CWB308 Datasheet HTML 4Page - Calogic, LLC CWB308 Datasheet HTML 5Page - Calogic, LLC CWB308 Datasheet HTML 6Page - Calogic, LLC CWB308 Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CWB308 / CWB309
CORPORATION
SWITCH ON RESISTANCE
-VS-
SUPPLY VOLTAGES
65
60
55
50
45
+5.0
+6.0
+8.0
+10
+12
+15
_
V-, V+ - Supply Voltages (Volts)
R = 50
L
Vanalog = 100mVrms
f = 1KHz
T = +25 C
A
o
__
__
_
SWITCH ON RESISTANCE
SWITCH ON RESISTANCE -VS- FREQUENCY TEST CIRCUIT
R = 50
L
Vanalog = 100mVrms
T = +25 C
A
o
SWITCH ON RESISTANCE
-VS-
FREQUENCY
65
60
55
50
20
40
60
80
100
V-, V+ = +8.0V
_
+12V
_
V-, V+ =
+10V
_
V-, V+ =
+15V
_
V-, V+ =
f - Frequency (MHz)
R = 50
L
Vanalog = 100mVrms
T = +25 C
A
o
40
60
80
100
+12V
_
V-, V+ =
+10V
_
V-, V+ =
20
.55
.50
.45
.40
.35
.30
f - Frequency (MHz)
SWITCH ON RESISTANCE
-VS-
SUPPLY VOLTAGES AND FREQUENCY
SWITCH ON RESISTANCE
-VS-
ANALOG VOLTAGE
140
120
100
80
60
40
20
0
-10
-5.0
0
+5.0
+10
V - Source Voltage (Volts)
T = +25 C
A
o
V-, V+ = +15V
_
R = 50
L
S
50
D
S
C
V+
C
V-
LOGIC 1 = +5V
µ
C = 0.22 F // 10 F
50
µ
ON-RESISTANCE
20MHz to 100MHz
HP
TRACKING
GENERATOR
(or equivalent)
HP
SPECTRUM
ANALYSER
(or equivalent)


Similar Part No. - CWB308

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CP CALOGIC-CWB211CP Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
More results

Similar Description - CWB308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com