Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB2214CP Datasheet(PDF) 3 Page - Calogic, LLC

Part # CWB2214CP
Description  CMOS/DMOS High Speed Analog Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB2214CP Datasheet(HTML) 3 Page - Calogic, LLC

  CWB2214CP Datasheet HTML 1Page - Calogic, LLC CWB2214CP Datasheet HTML 2Page - Calogic, LLC CWB2214CP Datasheet HTML 3Page - Calogic, LLC CWB2214CP Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CWB2214
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC, unless otherwise specified)
TEST WAVEFORMS
SWITCHING TIMES TEST CIRCUIT
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted)
LIMITS AT TEMPERATURE EXTREMES
SYMBOL
PARAMETER
MAXIMUM TA @ TA =
UNITS
TEST CONDITIONS
+85
oC
STATIC
VANALOG
Analog Signal Range
±10
V
rDS(ON)
Switch ON Resistance
120
VS = -10V
120
VS = +2.0V
240
VS = +10V
IIN
Logic Input
Leakage Current
1.0
µA
VIN = +5.0V
2.0
VIN = +15V
ID(OFF)
Switch OFF
Leakage Current
200
nA
VD = +10V, VS = -10V, VIN = 5V
IS(OFF)
200
VS = +10V, VD = -10V, VIN = 5V
I-
Negative Supply Quiescent Current
-10
mA
VIN = 0 or V+
I+
Positive Supply Quiescent Current
10
+15V
-15V
R =
50
L
C =
12pF
SWITCH
OUTPUT
LOGIC
INPUT
V0
L
SWITCH ILLUSTRATED IN LOGIC '1',
SWITCH OFF, POSITION
SWITCH
INPUT
+3V
3.0V
50%
0
0
0.9
(V ) SWITCH INPUT
S
RISE
FALL
LOGIC INPUT
t
< 6nSEC
t
< 4nSEC
V0
tON
tOFF
R + r
L
DS(ON)
RL
V =
0
SWITCH OUTPUT
() V
S


Similar Part No. - CWB2214CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2269CP CALOGIC-CWB2269CP Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2269CY CALOGIC-CWB2269CY Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
More results

Similar Description - CWB2214CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
Vishay Siliconix
DG5143 VISHAY-DG5143 Datasheet
41Kb / 3P
   Low-Power, High-Speed CMOS Analog Switch
Rev. B, 28-Apr-97
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com