Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB211CY Datasheet(PDF) 1 Page - Calogic, LLC

Part # CWB211CY
Description  100MHz CMOS/DMOS Wideband Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB211CY Datasheet(HTML) 1 Page - Calogic, LLC

  CWB211CY Datasheet HTML 1Page - Calogic, LLC CWB211CY Datasheet HTML 2Page - Calogic, LLC CWB211CY Datasheet HTML 3Page - Calogic, LLC CWB211CY Datasheet HTML 4Page - Calogic, LLC CWB211CY Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100MHz CMOS/DMOS
Wideband Analog Switch
CWB211
FEATURES
•• Ultra Low Leakage. . . . . . . . . . . . . ID(OFF) 200pA typical
•• Low Capacitance. . . . . . . . . . . . . . . . . . . cd 0.3pf typical
•• Low ON Resistance. . . . . . . . . . . . . . . . . . . . 40 Ω typical
•• TTL Compatible
APPLICATIONS
•• Glitch-Free Analog Switches
•• RF & Video Switches
•• Sample-and-Hold Switches
•• Communication Systems
•• Disk Drives
DESCRIPTION
The Calogic CWB211 offers designers high performance at a low
cost. The CWB211 is an excellent choice where capacitance and
switching times are crucial. The device out performs industry
standard DG211 types offering much faster switching speeds, low
RDS (ON) and lower capacitance while maintaining high OFF
isolation and good bandwidth. The Calogic CWB211 is configured
to be a pin for pin replacement of existing analog switches
and at the same time upgrading high frequency performance.
Manufactured on the Calogic proprietary low voltage CMOS
combined with high speed DMOS FETs, the device is TTL
compatible utilizing an on-chip reference to provide constant
logic switching over a wide range of supply voltages and
temperature without a separate power supply.
ORDERING INFORMATION
Part
Package
Temperature Range
CWB211CP
Plastic 16-Pin Dip
0 to +85
oC
CWB211CY
SO-16 Plastic
0 to +85
oC
XCWB211
Sorted Chips in Carriers
0 to +85
oC
CORPORATION
LOGIC TABLE
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
IN2
D2
S2
V+
N/C
S3
D3
IN3
IN2
D2
S2
V+
N/C
S3
D3
IN3
16 PIN DIP
SO-16
TOP VIEW
CWB211CP
TOP VIEW
CWB211CY
IN
IN
IN
IN
S
D
3
4
1
2
S
D
S
D
S
D
1
1
2
2
3
3
4
4
Four SPST Switches per Package.
Switches shown in Logic '1' Input Position.
Logic
Switch
0ON
Logic ’0’
≤ 0.8V
1
OFF
Logic ’1’
≥ 2.42V
PIN CONFIGURATION
NOTE: All devices contain diodes to protect inputs against
damage due to high static voltages or electric fields;
however, it is advised that precautions be taken not to
exceed the maximum recommended input voltages.
All
unused inputs must be connected to an appropriate logic
level (VDD or GND).
CWB


Similar Part No. - CWB211CY

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB2214CP CALOGIC-CWB2214CP Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
More results

Similar Description - CWB211CY

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB5341 CALOGIC-CWB5341 Datasheet
36Kb / 3P
   Dual Monolithic CMOS/DMOS T Configuration Analog Switch
CWB4500 CALOGIC-CWB4500 Datasheet
40Kb / 4P
   CMOS/DMOS Wideband High-Frequency Multiplexer
logo
SG Micro Corp
SGM4583 SGMICRO-SGM4583 Datasheet
369Kb / 17P
   CMOS Analog Switch
logo
Intersil Corporation
HI-390 INTERSIL-HI-390 Datasheet
56Kb / 7P
   CMOS Analog Switch
July 1999
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
   Quad CMOS Analog Switch
logo
Torex Semiconductor
XC74UL4066M TOREX-XC74UL4066M Datasheet
57Kb / 10P
   CMOS Logic Analog Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com