Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB201CP Datasheet(PDF) 1 Page - Calogic, LLC

Part # CWB201CP
Description  100MHz CMOS/DMOS Wideband Quad Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB201CP Datasheet(HTML) 1 Page - Calogic, LLC

  CWB201CP Datasheet HTML 1Page - Calogic, LLC CWB201CP Datasheet HTML 2Page - Calogic, LLC CWB201CP Datasheet HTML 3Page - Calogic, LLC CWB201CP Datasheet HTML 4Page - Calogic, LLC CWB201CP Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100MHz CMOS/DMOS
Wideband Quad Analog Switch
CWB201
FEATURES
•• Wide Bandwidth Switches . . . . . . . . 0.9 x DC @ 100MHz
•• High OFF Isolation. . . . . . . . . . . . . . . . . 66 dB @ 100MHz
•• Low Channel-to-Channel Crosstalk. . . -80 dB @ 10MHz
•• TTL Compatible
•• Low ON Resistance
•• High Speed
•• Low Capaciatance
APPLICATIONS
•• Glitch-Free Analog Switches
•• RF & Video Switches
•• Track-and-Hold Switches
•• Sample-and-Hold Switches
•• High Speed Data Routing
DESCRIPTION
Designed for RF and Video Switching the CWB201 is
manufactured using Calogic’s high speed CMOS combined
with DMOS transistors in a monolithic design resulting in
superior performance characteristics. This quad SPST switch
array has extensive applications where high frequency video,
audio or digital signals are switched or routed. The CWB201
is TTL compatible which is of great benefit to to designs that
require constant logic switching over a wide range of supply
voltages and temperature without a separate power supply.
ORDERING INFORMATION
Part
Package
Temperature Range
CWB201CP
Plastic 16-Pin Dip
0 to +85
oC
CWB201CY
Plastic SO-16 Surface Mount 0 to +85
oC
XCWB201
Sorted Chips in Carriers
0 to +85
oC
CORPORATION
PIN CONFIGURATION
LOGIC TABLE
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
IN2
D2
S2
V+
N/C
S3
D3
IN3
TOP VIEW
CWB201CP
IN
IN
IN
IN
S
D
3
4
1
2
S
D
S
D
S
D
1
1
2
2
3
3
4
4
Four SPST Switches per Package.
Switches shown in Logic '1' Input Position.
Logic
Switch
0ON
Logic ’0’
≤ 0.8V
1
OFF
Logic ’1’
≥ 2.42V
NOTE: All devices contain diodes to protect inputs against
damage due to high static voltages or electric fields;
however, it is advised that precautions be taken not to
exceed the maximum recommended input voltages.
All
unused inputs must be connected to an appropriate logic
level (VDD or GND).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V-
GND
S4
D4
IN4
IN2
D2
S2
V+
N/C
S3
D3
IN3
TOP VIEW
CWB201CY
CWB


Similar Part No. - CWB201CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CP CALOGIC-CWB211CP Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CY CALOGIC-CWB211CY Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB2214CP CALOGIC-CWB2214CP Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
More results

Similar Description - CWB201CP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
   Quad CMOS Analog Switch
logo
Calogic, LLC
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
logo
TEMIC Semiconductors
DG213 TEMIC-DG213 Datasheet
98Kb / 7P
   Quad Complementary CMOS Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG213DJ-E3 VISHAY-DG213DJ-E3 Datasheet
87Kb / 8P
   Quad Complementary CMOS Analog Switch
Rev. F, 17-Apr-00
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
   Quad Complementary CMOS Analog Switch
Rev. F, 17-Apr-00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com