Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVA2417 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CVA2417
Description  Improved Triple 85MHz CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2417 Datasheet(HTML) 2 Page - Calogic, LLC

  CVA2417 Datasheet HTML 1Page - Calogic, LLC CVA2417 Datasheet HTML 2Page - Calogic, LLC CVA2417 Datasheet HTML 3Page - Calogic, LLC CVA2417 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V
Storage Temperature . . . . . . . . . . . . . . . . . .
-25
oC to +100oC
Operating Temperature . . . . . . . . . . . . . . . .
-20
oC to +100oC
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+300
oC
CVA2417TX
FIGURE 1. TEST CIRCUIT
R5
C6
C2
C
L
INPUT
R2
R1
C1
R6
D2
D1
L1
C4
12V
C3
Q1
V
CC
V
R3
R4
OUTPUT
R1 = 8.2k
W
R2 = 2.7k
W
R3 = 10.0K
W
R4 = 34
W
R5 = 1.5k
W
R6 = 150
W
D1 = FDH400
D2 = FDH400
L1 = 560nH
Q1 = 2N5770
C6 = 1.0
mF
C1 = 0.01
mF
C2 = 0.01
mF
C3 = 0.1
mF
C4 = 0.47
mF
C = 12pF (Including Parasitics)
L
5
GND
2,7,9
1,6,8
3,4,10
11
1H-33
V
BIAS
V
IN
VOUT
CVA2417TX
1/3
CC
DC ELECTRICAL CHARACTERISTICS VS = 80V, CL = 12pF, Vbias = 12V, Vin = 3.4V, Tcase = +25
oC. See Figure 1.
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNITS
ICC
Supply Current @ 1MHz
32
38
mA
ICC
Supply Current @ 50MHz
55
mA
VoutDC
Output DC Level
40
45
50
V
AV
Voltage Gain
11
13
15
V
Gain Matching
0.2
dB
AC ELECTRICAL CHARACTERISTICS VS = 80V, CL = 12pF, Vbias = 12V, Tcase = +25
oC. See Figure 1.
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNITS
tr
Rise Time
4.4
6.0
ns
tf
Fall Time
3.8
5.0
ns
BW
Bandwidth
85
MHz
Le
Linearity
8
%
OS
Overshoot
10
%
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CORPORATION


Similar Part No. - CVA2417

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2417TX CALOGIC-CVA2417TX Datasheet
22Kb / 1P
   CRT Driver Amplifiers
More results

Similar Description - CVA2417

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2419TX CALOGIC-CVA2419TX Datasheet
65Kb / 4P
   Triple 85MHz CRT Driver
CVA2415TZ CALOGIC-CVA2415TZ Datasheet
48Kb / 4P
   Improved Triple 75MHz CRT Driver
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
   Improved Low Cost Triple CRT Driver
CVA2411T CALOGIC-CVA2411T Datasheet
130Kb / 10P
   Improved Low Cost Triple CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
   Triple 140MHz CRT Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com