Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSIONIRUH33PA13B20K Datasheet(PDF) 11 Page - International Rectifier

Part # GSIONIRUH33PA13B20K
Description  Total Ionizing Dose Test Report
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GSIONIRUH33PA13B20K Datasheet(HTML) 11 Page - International Rectifier

Back Button GSIONIRUH33PA13B20K Datasheet HTML 7Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 8Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 9Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 10Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 11Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 12Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 13Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 14Page - International Rectifier GSIONIRUH33PA13B20K Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TID Test Report
IRUH33PA13B20K
December 2005
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
11
Electrical Test Data (Post radiation – 50K RAD(Si))
TEST
Vout1
Vout2
Vout3
Vout4
Vout5
Line
Reg
Load
Reg
Vdrop
Current
Limit
Ripple
Rej.
Vshdn
Vout
shdn
Ishdn*
Max
Limit
2.625
2.625
2.625
2.625
2.625
12.5
147.6
0.4
10
200
1.7
0.1
----
Min
Limit
2.375
2.375
2.375
2.375
2.375
-12.5
-147.6
0
3
40
1
-0.1
----
Serial
#
(V)
(V)
(V)
(V)
(V)
(mV)
(mV)
(V)
(A)
(dB)
(V)
(mV)
(mA)
CNTRL
2.505
2.503
2.505
2.503
1.267
-0.045
1.433
0.195
8.759
98.69
1.318
-0.301
0.146
75
2.529
2.526
2.529
2.525
1.278
-0.813
4.386
0.229
8.123
101.18
1.381
-0.790
0.140
80
2.523
2.521
2.525
2.522
1.277
-0.09
3.635
0.221
8.532
99.85
1.401
-0.258
0.141
81
2.529
2.527
2.529
2.527
1.280
-0.813
3.004
0.229
8.214
101.9
1.381
0.030
0.139
91
2.529
2.529
2.530
2.528
1.280
-0.316
2.556
0.225
8.486
102.77
1.401
-0.661
0.136
92
2.530
2.528
2.530
2.528
1.279
-0.948
2.162
0.229
8.395
100.45
1.381
-1.639
0.140
100
2.533
2.530
2.534
2.530
1.281
0.135
3.502
0.229
8.486
98.69
1.422
-0.388
0.141
102
2.529
2.528
2.529
2.526
1.280
-1.129
3.396
0.229
8.259
99.25
1.422
-0.603
0.141
106
2.527
2.525
2.528
2.524
1.279
-0.09
2.504
0.229
8.532
101.94
1.401
-1.294
0.139
73
2.529
2.526
2.529
2.525
1.278
-0.813
4.386
0.229
8.123
101.19
1.381
-0.790
0.140
115
2.498
2.495
2.496
2.494
1.263
-0.090
1.919
0.180
9.167
98.16
1.297
-2.387
0.149
* Data collected for information purposes only parameter not specified for post radiation.
Electrical Test Data (Post radiation – 100K RAD(Si))
TEST
Vout1
Vout2
Vout3
Vout4
Vout5
Line
Reg
Load
Reg
Vdrop
Current
Limit
Ripple
Rej.
Vshdn
Vout
shdn
Ishdn*
Max
Limit
2.625
2.625
2.625
2.625
2.625
12.5
147.6
0.4
10
200
1.7
0.1
----
Min
Limit
2.375
2.375
2.375
2.375
2.375
-12.5
-147.6
0
3
40
1
-0.1
----
Serial
#
(V)
(V)
(V)
(V)
(V)
(mV)
(mV)
(V)
(A)
(dB)
(V)
(mV)
(mA)
CNTRL
2.509
2.504
2.507
2.504
1.268
0.497
3.466
0.199
8.982
98.09
1.337
-1.840
0.150
75
2.564
2.559
2.561
2.558
1.293
-0.226
2.500
0.248
8.029
91.62
1.526
-2.733
0.133
80
2.552
2.550
2.554
2.550
1.290
0.271
5.296
0.241
8.483
97.60
1.505
-2.445
0.137
81
2.558
2.556
2.558
2.557
1.293
-0.135
1.878
0.252
8.392
95.51
1.505
-1.452
0.133
91
2.563
2.561
2.563
2.560
1.298
0.316
1.520
0.248
8.165
94.40
1.505
-1.034
0.133
92
2.564
2.560
2.562
2.560
1.295
-1.445
1.159
0.252
8.437
92.38
1.505
-2.157
0.136
100
2.564
2.561
2.562
2.560
1.294
-0.452
1.748
0.252
8.483
95.51
1.505
-2.085
0.136
102
2.561
2.557
2.559
2.556
1.293
0.181
2.895
0.256
8.210
96.30
1.526
-1.380
0.132
106
2.560
2.558
2.561
2.559
1.295
-0.181
2.520
0.252
8.528
93.80
1.547
-0.963
0.134
73
2.564
2.559
2.561
2.558
1.293
-0.226
2.500
0.248
8.029
91.62
1.526
-2.733
0.133
115
2.495
2.494
2.494
2.492
1.261
0.000
1.577
0.188
9.073
98.66
1.316
-1.178
0.148
* Data collected for information purposes only parameter not specified for post radiation.


Similar Part No. - GSIONIRUH33PA13B20K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GSIONIRUH33P253B1M IRF-GSIONIRUH33P253B1M Datasheet
402Kb / 24P
   Total Ionizing Dose Test Report
More results

Similar Description - GSIONIRUH33PA13B20K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
GSIONIRUH33P253B1M IRF-GSIONIRUH33P253B1M Datasheet
402Kb / 24P
   Total Ionizing Dose Test Report
GSION-IRUH3301 IRF-GSION-IRUH3301 Datasheet
77Kb / 17P
   Total Ionizing Dose Test Report
RDHA710FR10A1NK IRF-RDHA710FR10A1NK Datasheet
336Kb / 22P
   Neutron and Total Ionizing Dose Test
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
   Low Dose Test Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
International Rectifier
AN-999 IRF-AN-999 Datasheet
84Kb / 5P
   International Rectifier?셲 Total Dose Radiation
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com