Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLR024ZTRL Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRLR024ZTRL
Description  HEXFET짰 Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR024ZTRL Datasheet(HTML) 4 Page - International Rectifier

  AUIRLR024ZTRL Datasheet HTML 1Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 2Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 3Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 4Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 5Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 6Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 7Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 8Page - International Rectifier AUIRLR024ZTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AUIRLR/U024Z
4
www.irf.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
vs. Drain Current
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
3.0V
60μs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
9.0V
7.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
10V
9.0V
7.0V
5.0V
4.5V
4.0V
3.5V
BOTTOM
3.0V
60μs PULSE WIDTH
Tj = 25°C
3.0V
0
2
4
6
8
10
12
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VDS = 10V
60μs PULSE WIDTH
0
2
4
6
8
10
12
14
16
ID,Drain-to-Source Current (A)
0
5
10
15
TJ = 25°C
TJ = 175°C
VDS = 8.0V
300μs PULSE WIDTH


Similar Part No. - AUIRLR024ZTRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLR024ZTRL INFINEON-AUIRLR024ZTRL Datasheet
719Kb / 12P
   AUTOMOTIVE GRADE
2015-12-11
More results

Similar Description - AUIRLR024ZTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com