Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLL2705TR Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRLL2705TR
Description  Advanced Planar Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLL2705TR Datasheet(HTML) 1 Page - International Rectifier

  AUIRLL2705TR Datasheet HTML 1Page - International Rectifier AUIRLL2705TR Datasheet HTML 2Page - International Rectifier AUIRLL2705TR Datasheet HTML 3Page - International Rectifier AUIRLL2705TR Datasheet HTML 4Page - International Rectifier AUIRLL2705TR Datasheet HTML 5Page - International Rectifier AUIRLL2705TR Datasheet HTML 6Page - International Rectifier AUIRLL2705TR Datasheet HTML 7Page - International Rectifier AUIRLL2705TR Datasheet HTML 8Page - International Rectifier AUIRLL2705TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AUIRLL2705
HEXFET® Power MOSFET
01/23/12
www.irf.com
1
PD- 97756
Features
l
Advanced Planar Technology
l
Low On-Resistance
l
Dynamic dv/dt Rating
l
150°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Repetitive Avalanche Allowed up to
Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified*
Description
Specifically designed for Automotive applications, this
cellular design of HEXFET® Power MOSFETs utilizes
the latest processing techniques to achieve low on-
resistance per silicon area. This benefit combined
with the fast switching speed and ruggedized device
design that HEXFET power MOSFETs are well known
for, provides the designer with an extremely efficient
and reliable device for use in Automotive and a wide
variety of other applications.
SOT-223
AUIRLL2705
D
G
D
S
GD
S
Gate
Drain
Source
S
D
G
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
V(BR)DSS
55V
RDS(on) max.
0.04
ID
3.8A
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the
specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Ambient temperature (TA) is 25°C, unless otherwise specified.
Parameter
Units
ID @ TA = 25°C Continuous Drain Current, VGS @ 10V h
ID @ TA = 25°C Continuous Drain Current, VGS @ 10V g
ID @ TA = 70°C Continuous Drain Current, VGS @ 10V g
A
IDM
Pulsed Drain Current
™
PD @TA = 25°C Power Dissipation (PCB Mount) h
PD @TA = 25°C Power Dissipation (PCB Mount) g
Linear Derating Factor (PCB Mount)
g
mW/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™g
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient (PCB mount, steady state)
g
93
120
°C/W
RJA
Junction-to-Ambient (PCB mount, steady state)
h
48
60
W
°C
2.1
0.10
110
3.8
Max.
5.2
3.0
30
3.8
-55 to + 150
1.0
8.3
± 16
7.5


Similar Part No. - AUIRLL2705TR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLL2705TR INFINEON-AUIRLL2705TR Datasheet
556Kb / 10P
   AUTOMOTIVE GRADE
2015-10-29
More results

Similar Description - AUIRLL2705TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFIZ34N IRF-AUIRFIZ34N Datasheet
222Kb / 11P
   Advanced Planar Technology
logo
Kersemi Electronic Co.,...
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
   Advanced Planar Technology
logo
International Rectifier
AUIRF6218S IRF-AUIRF6218S Datasheet
234Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR4105 INFINEON-AUIRFR4105 Datasheet
441Kb / 10P
   Advanced Planar Technology
2015-12-1
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
AUIRLR3105 INFINEON-AUIRLR3105 Datasheet
674Kb / 11P
   Advanced Planar Technology
2015-12-11
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRF3305 IRF-AUIRF3305 Datasheet
275Kb / 12P
   Advanced Planar Technology
AUIRFI4905 IRF-AUIRFI4905 Datasheet
304Kb / 9P
   Advanced Planar Technology
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com