Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLL2705 Datasheet(PDF) 10 Page - International Rectifier

Part # AUIRLL2705
Description  Advanced Planar Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLL2705 Datasheet(HTML) 10 Page - International Rectifier

Back Button AUIRLL2705 Datasheet HTML 4Page - International Rectifier AUIRLL2705 Datasheet HTML 5Page - International Rectifier AUIRLL2705 Datasheet HTML 6Page - International Rectifier AUIRLL2705 Datasheet HTML 7Page - International Rectifier AUIRLL2705 Datasheet HTML 8Page - International Rectifier AUIRLL2705 Datasheet HTML 9Page - International Rectifier AUIRLL2705 Datasheet HTML 10Page - International Rectifier AUIRLL2705 Datasheet HTML 11Page - International Rectifier AUIRLL2705 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AUIRLL2705
10
www.irf.com
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161)
3.90 (.154)
1.85 (.072)
1.65 (.065)
2.05 (.080)
1.95 (.077)
12.10 (.475)
11.90 (.469)
7.10 (.279)
6.90 (.272)
1.60 (.062)
1.50 (.059)
TYP.
7.55 (.297)
7.45 (.294)
7.60 (.299)
7.40 (.292)
2.30 (.090)
2.10 (.083)
16.30 (.641)
15.70 (.619)
0.35 (.013)
0.25 (.010)
FEED DIRECTION
TR
13.20 (.519)
12.80 (.504)
50.00 (1.969)
MIN.
330.00
(13.000)
MAX.
NOTES :
1. CONTROLLING DIMENSION: MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
3
NOTES :
1. OUTLINE COMFORMS TO EIA-418-1.
2. CONTROLLING DIMENSION: MILLIMETER..
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
15.40 (.607)
11.90 (.469)
18.40 (.724)
MAX.
14.40 (.566)
12.40 (.488)
4
4


Similar Part No. - AUIRLL2705

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLL2705 INFINEON-AUIRLL2705 Datasheet
556Kb / 10P
   AUTOMOTIVE GRADE
2015-10-29
AUIRLL2705TR INFINEON-AUIRLL2705TR Datasheet
556Kb / 10P
   AUTOMOTIVE GRADE
2015-10-29
More results

Similar Description - AUIRLL2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFIZ34N IRF-AUIRFIZ34N Datasheet
222Kb / 11P
   Advanced Planar Technology
logo
Kersemi Electronic Co.,...
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
   Advanced Planar Technology
logo
International Rectifier
AUIRF6218S IRF-AUIRF6218S Datasheet
234Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR4105 INFINEON-AUIRFR4105 Datasheet
441Kb / 10P
   Advanced Planar Technology
2015-12-1
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
AUIRLR3105 INFINEON-AUIRLR3105 Datasheet
674Kb / 11P
   Advanced Planar Technology
2015-12-11
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRF3305 IRF-AUIRF3305 Datasheet
275Kb / 12P
   Advanced Planar Technology
AUIRFI4905 IRF-AUIRFI4905 Datasheet
304Kb / 9P
   Advanced Planar Technology
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com