Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRL7732S2TR1 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRL7732S2TR1
Description  DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRL7732S2TR1 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRL7732S2TR1 Datasheet HTML 3Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 4Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 5Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 6Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 7Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 8Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 9Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 10Page - International Rectifier AUIRL7732S2TR1 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRL7732S2TR/TR1
www.irf.com
7
Fig 17. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 16, 17:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 18a, 18b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 16, 17).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 15)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 19a. Gate Charge Test Circuit
Fig 19b. Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 20a. Switching Time Test Circuit
Fig 20b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
S
20K
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-
VDD
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
5
10
15
20
25
30
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 35A


Similar Part No. - AUIRL7732S2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRL7732S2TR INFINEON-AUIRL7732S2TR Datasheet
432Kb / 11P
   AUTOMOTIVE GRADE
2015-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com