Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS848 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS848
Description  8-INPUT PRIORITY ENCODERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS848 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS848 Datasheet HTML 1Page - Motorola, Inc 74LS848 Datasheet HTML 2Page - Motorola, Inc 74LS848 Datasheet HTML 3Page - Motorola, Inc 74LS848 Datasheet HTML 4Page - Motorola, Inc 74LS848 Datasheet HTML 5Page - Motorola, Inc 74LS848 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-502
FAST AND LS TTL DATA
SN54/74LS348
• SN54/74LS848
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
Symbol
From
(Input)
To
(Output)
Waveform
LS348
Limits
LS848
Limits
Unit
Test Conditions
Symbol
From
(Input)
To
(Output)
Waveform
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
tPLH
1 thru 7
A0, A1 or A2
In-Phase
11
17
12
18
ns
CL = 45 pF
RL = 667 Ω
tPHL
1 thru 7
A0, A1 or A2
output
20
30
20
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
1 thru 7
A0, A1 or A2
Out-of-Phase
23
35
23
35
ns
CL = 45 pF
RL = 667 Ω
tPHL
1 thru 7
A0, A1 or A2
output
23
35
23
35
ns
CL = 45 pF
RL = 667 Ω
tPZH
EI
A0, A1 or A2
25
39
25
39
ns
tPZL
EI
A0, A1 or A2
24
41
24
41
ns
tPLH
0 thru 7
E0
Out-of-Phase
11
18
11
18
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
0 thru 7
E0
output
26
40
26
40
ns
CL = 15 pF
RL = 2.0 Ω
tPLH
0 thru 7
GS
In-Phase
38
55
38
55
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
0 thru 7
GS
output
9.0
21
9.0
21
ns
CL = 15 pF
RL = 2.0 Ω
tPLH
EI
GS
In-Phase
11
17
11
17
ns
CL = 15 pF
RL = 2.0 Ω
tPHL
EI
GS
output
14
36
14
36
ns
tPLH
EI
EO
In-Phase
17
21
17
21
ns
tPHL
EI
EO
output
25
40
30
45
ns
tPHZ
EI
A0, A1 or A2
18
27
18
27
ns
CL = 5.0 pF
RL = 667 Ω
tPLZ
EI
A0, A1 or A2
23
35
23
35
ns
CL = 5.0 pF
RL = 667 Ω


Similar Part No. - 74LS848

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS83 MOTOROLA-74LS83 Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
Fairchild Semiconductor
74LS83 FAIRCHILD-74LS83 Datasheet
51Kb / 5P
   4-Bit Binary Adder with Fast Carry
74LS83A FAIRCHILD-74LS83A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
74LS83ADC FAIRCHILD-74LS83ADC Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
74LS83AFC FAIRCHILD-74LS83AFC Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
More results

Similar Description - 74LS848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
74F251A FAIRCHILD-74F251A_00 Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
   8-line-to-3-line Octal Priority Encoders
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com