Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRN111161002JR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRN111161002JR
Description  BUSSED RESISTOR NETWORK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN111161002JR Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRN111161002JR Datasheet HTML 1Page - California Micro Devices Corp PRN111161002JR Datasheet HTML 2Page - California Micro Devices Corp PRN111161002JR Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
7/14/2000
1
PRN101/111
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Bussed Resistor Network
Features
• Stable resistor network
• High speed termination network
• 15 or 23 terminating lines/package
• Saves board space and reduces assembly cost
Product Description
CAMDs PRN101/111 Bussed Resistor Termination
Networks offer high integration and performance in a
miniature QSOP or SOIC package, which saves critical
board area and provides manufacturing cost and
reliability efficiencies. This part is well-suited as a
general purpose replacement for all popular MLCC
resistor chips and larger size thick film technology
packages.
Why thin film resistor networks? A terminating resistor is
used to reduce or eliminate unwanted reflections on a
Applications
• Parallel termination
• Pull up/pull down
• Digital pulse squaring
• Coding and decoding
• Telemetry
C1110600
SCHEMATIC CONFIGURATION
transmission line or in some cases provide DC pull-up/
pull-down. It can perform this function only when its
resistance value is closely matched to the characteristic
impedance of the transmission line. The resistors used
for terminating transmission lines must be noiseless,
stable, and functional at high frequencies. Unlike thin
film-based resistor networks, conventional thick film
resistors used for this purpose are not as stable over
temperature and time, and may have functional limita-
tions when used in high frequency applications.
20
21
22
23
24
19 18 17
16
16
15
15
14
14
13
13
12 11
1
1
1
1
2
2
3
3
4
4
5
9
5
6
10
6
7
11
7
8
12
8
9
10
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Type RB:
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
R
C
Tm
p
p
0
5
2
±
*
R
C
T
Tm
p
p
5
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
P
K
1
<
R
r
o
f
W
m
0
0
1
R
r
o
f
W
m
5
2
≥ K
1
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
m
u
m
i
n
i
MM
0
0
0
,
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
+
o
t
C
°
5
6
g
n
i
t
a
R
r
e
w
o
P
e
g
a
k
c
a
P.
x
a
m
,
W
1
S
E
U
L
A
V
D
R
A
D
N
A
T
S
(
R
Ω)
d
e
t
a
l
o
s
I
e
d
o
C
(
R
Ω)
d
e
t
a
l
o
s
I
e
d
o
C
1
50
R
1
5K
2
.
21
0
2
2
6
50
R
6
5K
7
.
21
0
7
2
0
3
30
0
3
3K
7
.
4
1
0
7
4
0
9
30
0
9
3K
8
.
6
1
0
8
6
0
8
60
0
8
6K
0
1
2
0
0
1
K
11
0
0
1K
0
22
0
0
2
K
1
.
11
0
1
1K
7
42
0
7
4
K
21
0
0
2
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
-
N
O
N
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
±
,
%
2
±
S
E
U
L
A
V
D
R
A
D
N
A
T
S
-
N
O
N
e
g
n
a
R
e
c
n
a
t
s
i
s
e
RK
7
4
o
t
0
1


Similar Part No. - PRN111161002JR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN110 CALMIRCO-PRN110 Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN110161001J CALMIRCO-PRN110161001J Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN11016N1000J CALMIRCO-PRN11016N1000J Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN11016N1000JR CALMIRCO-PRN11016N1000JR Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN11016N1000JT CALMIRCO-PRN11016N1000JT Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
More results

Similar Description - PRN111161002JR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
logo
List of Unclassifed Man...
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
logo
Bourns Electronic Solut...
CAY17 BOURNS-CAY17 Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17 BOURNS-CAY17_11 Datasheet
385Kb / 2P
   Bussed Resistor Array
logo
Bi technologies
SQS16AXXXXFSLF13 BITECH-SQS16AXXXXFSLF13 Datasheet
104Kb / 3P
   Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
Bourns Electronic Solut...
CAY17-560JALF BOURNS-CAY17-560JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
   bussed square corner resistor array
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com