Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS3306 Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRFS3306
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3306 Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRFS3306 Datasheet HTML 2Page - International Rectifier AUIRFS3306 Datasheet HTML 3Page - International Rectifier AUIRFS3306 Datasheet HTML 4Page - International Rectifier AUIRFS3306 Datasheet HTML 5Page - International Rectifier AUIRFS3306 Datasheet HTML 6Page - International Rectifier AUIRFS3306 Datasheet HTML 7Page - International Rectifier AUIRFS3306 Datasheet HTML 8Page - International Rectifier AUIRFS3306 Datasheet HTML 9Page - International Rectifier AUIRFS3306 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AUIRFS3306
6
www.irf.com
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 14. Typical Avalanche Current vs.Pulsewidth
Fig 15. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a temperature far in
excess of Tjmax. This is validated for every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded.
3. Equation below based on circuit and waveforms shown in Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase
during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed Tjmax (assumed as
25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
Ri (°C/W)
τι (sec)
0.249761
0.00028
0.400239 0.005548
τJ
τJ
τ1
τ1
τ2
τ2
R1
R1
R2
R2
τC
C
Ci=
τi/Ri
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
40
80
120
160
200
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 96A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔΤ j = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔTj = 150°C and
Tstart =25°C (Single Pulse)


Similar Part No. - AUIRFS3306

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3306 INFINEON-AUIRFS3306 Datasheet
687Kb / 10P
   Advanced Process Technology
2017-10-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com