Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS3006TRR Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRFS3006TRR
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3006TRR Datasheet(HTML) 5 Page - International Rectifier

  AUIRFS3006TRR Datasheet HTML 1Page - International Rectifier AUIRFS3006TRR Datasheet HTML 2Page - International Rectifier AUIRFS3006TRR Datasheet HTML 3Page - International Rectifier AUIRFS3006TRR Datasheet HTML 4Page - International Rectifier AUIRFS3006TRR Datasheet HTML 5Page - International Rectifier AUIRFS3006TRR Datasheet HTML 6Page - International Rectifier AUIRFS3006TRR Datasheet HTML 7Page - International Rectifier AUIRFS3006TRR Datasheet HTML 8Page - International Rectifier AUIRFS3006TRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AUIRFS3006
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
55
60
65
70
75
80
ID = 5mA
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
I D
TOP
20A
27A
BOTTOM
170A
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
LIMITED BY PACKAGE
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited By Package


Similar Part No. - AUIRFS3006TRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3006 INFINEON-AUIRFS3006 Datasheet
673Kb / 10P
   Advanced Process Technology
2015-12-2
logo
International Rectifier
AUIRFS3006-7P IRF-AUIRFS3006-7P Datasheet
251Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRFS3006-7P INFINEON-AUIRFS3006-7P Datasheet
687Kb / 10P
   Ultra Low On-Resistance
2015-12-2
logo
International Rectifier
AUIRFS3006-7TRL IRF-AUIRFS3006-7TRL Datasheet
251Kb / 12P
   HEXFETPower MOSFET
AUIRFS3006-7TRR IRF-AUIRFS3006-7TRR Datasheet
251Kb / 12P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com