Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFS3006 Datasheet(PDF) 8 Page - International Rectifier

Part # AUIRFS3006
Description  HEXFETPower MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3006 Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIRFS3006 Datasheet HTML 4Page - International Rectifier AUIRFS3006 Datasheet HTML 5Page - International Rectifier AUIRFS3006 Datasheet HTML 6Page - International Rectifier AUIRFS3006 Datasheet HTML 7Page - International Rectifier AUIRFS3006 Datasheet HTML 8Page - International Rectifier AUIRFS3006 Datasheet HTML 9Page - International Rectifier AUIRFS3006 Datasheet HTML 10Page - International Rectifier AUIRFS3006 Datasheet HTML 11Page - International Rectifier AUIRFS3006 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AUIRFS3006
8
www.irf.com
Fig 23a. Switching Time Test Circuit
Fig 23b. Switching Time Waveforms
Fig 22b. Unclamped Inductive Waveforms
Fig 22a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 24a. Gate Charge Test Circuit
Fig 24b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 21.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Inductor Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


Similar Part No. - AUIRFS3006

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3006 INFINEON-AUIRFS3006 Datasheet
673Kb / 10P
   Advanced Process Technology
2015-12-2
logo
International Rectifier
AUIRFS3006-7P IRF-AUIRFS3006-7P Datasheet
251Kb / 12P
   HEXFETPower MOSFET
logo
Infineon Technologies A...
AUIRFS3006-7P INFINEON-AUIRFS3006-7P Datasheet
687Kb / 10P
   Ultra Low On-Resistance
2015-12-2
logo
International Rectifier
AUIRFS3006-7TRL IRF-AUIRFS3006-7TRL Datasheet
251Kb / 12P
   HEXFETPower MOSFET
AUIRFS3006-7TRR IRF-AUIRFS3006-7TRR Datasheet
251Kb / 12P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com