Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR5410TRL Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRFR5410TRL
Description  Advanced Planar Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR5410TRL Datasheet(HTML) 5 Page - International Rectifier

  AUIRFR5410TRL Datasheet HTML 1Page - International Rectifier AUIRFR5410TRL Datasheet HTML 2Page - International Rectifier AUIRFR5410TRL Datasheet HTML 3Page - International Rectifier AUIRFR5410TRL Datasheet HTML 4Page - International Rectifier AUIRFR5410TRL Datasheet HTML 5Page - International Rectifier AUIRFR5410TRL Datasheet HTML 6Page - International Rectifier AUIRFR5410TRL Datasheet HTML 7Page - International Rectifier AUIRFR5410TRL Datasheet HTML 8Page - International Rectifier AUIRFR5410TRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AUIRFR5410
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.2
0.8
1.4
2.0
2.6
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0
400
800
1200
1600
2000
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
10
20
30
40
50
60
0
5
10
15
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-8.4A
V
=-20V
DS
V
=-50V
DS
V
=-80V
DS
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - AUIRFR5410TRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR5410TRL INFINEON-AUIRFR5410TRL Datasheet
324Kb / 10P
   AUTOMOTIVE GRADE
2015-12-2
More results

Similar Description - AUIRFR5410TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFIZ34N IRF-AUIRFIZ34N Datasheet
222Kb / 11P
   Advanced Planar Technology
logo
Kersemi Electronic Co.,...
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
   Advanced Planar Technology
logo
International Rectifier
AUIRF6218S IRF-AUIRF6218S Datasheet
234Kb / 12P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRFR4105 INFINEON-AUIRFR4105 Datasheet
441Kb / 10P
   Advanced Planar Technology
2015-12-1
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
AUIRLR3105 INFINEON-AUIRLR3105 Datasheet
674Kb / 11P
   Advanced Planar Technology
2015-12-11
AUIRFZ44N INFINEON-AUIRFZ44N Datasheet
325Kb / 9P
   Advanced Planar Technology
2017-09-25
logo
International Rectifier
AUIRF3305 IRF-AUIRF3305 Datasheet
275Kb / 12P
   Advanced Planar Technology
AUIRFI4905 IRF-AUIRFI4905 Datasheet
304Kb / 9P
   Advanced Planar Technology
AUIRFR024N IRF-AUIRFR024N Datasheet
385Kb / 13P
   Advanced Planar Technology
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com