Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR3504 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFR3504
Description  HEXFET? Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR3504 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFR3504 Datasheet HTML 3Page - International Rectifier AUIRFR3504 Datasheet HTML 4Page - International Rectifier AUIRFR3504 Datasheet HTML 5Page - International Rectifier AUIRFR3504 Datasheet HTML 6Page - International Rectifier AUIRFR3504 Datasheet HTML 7Page - International Rectifier AUIRFR3504 Datasheet HTML 8Page - International Rectifier AUIRFR3504 Datasheet HTML 9Page - International Rectifier AUIRFR3504 Datasheet HTML 10Page - International Rectifier AUIRFR3504 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUIRFR3504
www.irf.com
7
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
0
100
200
300
400
500
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
12A
21A
30A
-75 -50 -25
0
25 50
75 100 125 150 175 200
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
ID = 250μA


Similar Part No. - AUIRFR3504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRFR3504 ETC2-AUIRFR3504 Datasheet
233Kb / 13P
   Low On-Resistance
logo
Infineon Technologies A...
AUIRFR3504 INFINEON-AUIRFR3504 Datasheet
690Kb / 11P
   AUTOMOTIVE GRADE
2015-11-23
AUIRFR3504TRL INFINEON-AUIRFR3504TRL Datasheet
690Kb / 11P
   AUTOMOTIVE GRADE
2015-11-23
logo
International Rectifier
AUIRFR3504Z IRF-AUIRFR3504Z Datasheet
274Kb / 13P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
AUIRFR3504Z KERSEMI-AUIRFR3504Z Datasheet
4Mb / 11P
   AUTOMOTIVE GRADE
More results

Similar Description - AUIRFR3504

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com