Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2805C-X Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM2805C-X
Description  Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2805C-X Datasheet(HTML) 3 Page - Calogic, LLC

  CLM2805C-X Datasheet HTML 1Page - Calogic, LLC CLM2805C-X Datasheet HTML 2Page - Calogic, LLC CLM2805C-X Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CLM2805
CORPORATION
ADJUSTABLE
VIN = 14V, VO = 3V, IO = 10mA, R1 = 27k, C2 = 100
µF, TJ = 25oC
PARAMETERS
CLM2805A/C
UNITS
CONDITIONS
MIN
TYP
MAX
Reference Voltage
1.14
1.20
1.26
V
1.08
1.32
Io
≤ 120mA, over Tem. R1 = 27K
ADJUSTABLE VERSION ONLY
VIN = 14V, VO = 3V, IO = 10mA, R1 = 27k, C2 = 100
µF, TJ = 25oC
PARAMETERS
CLM2805C
UNITS
CONDITIONS
MIN
TYP
MAX
Output Voltage Range
3.0
24
V
Line Regulation
0.2
1.5
mV
VOUT+0.6V<VIN<26V
Load Regulation
0.3
1.0
% max
5mA<IO<100mA
Output Impedance
40
m
Ω/V
100mA DC and 10mA rms, 100Hz - 10kHz
Quiescent Current
0.4
1.0
mA
IO = 10mA
15
IO = 120mA
0.8
1.0
During Shutdown RL = 500
Output Noise Voltage
100
µVrms/V
10Hz - 100kHz
Long Term Stability
0.4
%/1000h
Ripple Rejection
0.02
%/V
fO = 120Hz
Dropout Voltage
0.05
0.2
V
IO = 10mA
0.3
0.6
IO = 120mA
Maximum Operational Input Voltage
26
33
Maximum Line Transient
60
70
IO = 10mA, Reference Voltage <1.5V
Reverse Polarity Input Voltage, DC
-15
-30
VO>0.3V, RL = 500
Reverse Polarity Input Voltage, Transient
-50
-80
1% Duty Cycle, T<100ms, RL = 500
On/Off Threshold Current
20
50
µA
Threshold Voltage On
2.0
1.2
VVO = 3V
Threshold Voltage Off
3.25
2.2
Notes:
1. See TYPICAL APPLICATIONS notes to ensure constant junction temperature, low duty cycle pulse testing used.
2. All limits are at 125
oC or over the full operating temperature junction range of -40oC to +125oC.
3. The maximum power dissipation is a function of maximum junction temperature, total thermal resistance and ambient temperature.
4. Human body model, 100
µF discharged through 1.5KΩ.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CLM2805C-X

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2810 CALOGIC-CLM2810 Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
CLM2810-33 CALOGIC-CLM2810-33 Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
CLM2810AT CALOGIC-CLM2810AT Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
CLM2810AT-X CALOGIC-CLM2810AT-X Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
CLM2810M CALOGIC-CLM2810M Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
More results

Similar Description - CLM2805C-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com