Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7736M2TR Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRF7736M2TR
Description  Automotive DirectFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7736M2TR Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRF7736M2TR Datasheet HTML 3Page - International Rectifier AUIRF7736M2TR Datasheet HTML 4Page - International Rectifier AUIRF7736M2TR Datasheet HTML 5Page - International Rectifier AUIRF7736M2TR Datasheet HTML 6Page - International Rectifier AUIRF7736M2TR Datasheet HTML 7Page - International Rectifier AUIRF7736M2TR Datasheet HTML 8Page - International Rectifier AUIRF7736M2TR Datasheet HTML 9Page - International Rectifier AUIRF7736M2TR Datasheet HTML 10Page - International Rectifier AUIRF7736M2TR Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRF7736M2TR/TR1
www.irf.com
7
Fig 17. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 16, 17:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 18a, 18b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 16, 17).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 15)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 19a. Gate Charge Test Circuit
Fig 19b. Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 20a. Switching Time Test Circuit
Fig 20b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
S
20K
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-
VDD
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 65A


Similar Part No. - AUIRF7736M2TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7736M2TR IRF-AUIRF7736M2TR Datasheet
300Kb / 10P
   Automotive DirectFETPower MOSFET
logo
Infineon Technologies A...
AUIRF7736M2TR INFINEON-AUIRF7736M2TR Datasheet
444Kb / 11P
   Advanced Process Technology
2015-10-5
logo
International Rectifier
AUIRF7736M2TR1 IRF-AUIRF7736M2TR1 Datasheet
300Kb / 10P
   Automotive DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com