Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7669L2TR1 Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRF7669L2TR1
Description  Automotive DirectFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7669L2TR1 Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRF7669L2TR1 Datasheet HTML 3Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 4Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 5Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 6Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 7Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 8Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 9Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 10Page - International Rectifier AUIRF7669L2TR1 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRF7669L2TR/TR1
www.irf.com
7
Fig 17. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 13, 14:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 19a. Gate Charge Test Circuit
Fig 19b. Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-
VDD
Fig 20a. Switching Time Test Circuit
Fig 20b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 68A


Similar Part No. - AUIRF7669L2TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF7669L2TR1 IRF-AUIRF7669L2TR1 Datasheet
288Kb / 11P
   Automotive DirectFET Power MOSFET
More results

Similar Description - AUIRF7669L2TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7734M2TR INFINEON-AUIRF7734M2TR_15 Datasheet
438Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
AUIRF7759L2TR INFINEON-AUIRF7759L2TR_15 Datasheet
446Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
AUIRL7766M2TR INFINEON-AUIRL7766M2TR_15 Datasheet
440Kb / 11P
   Automotive DirectFET Power MOSFET
2015-12-11
AUIRF7769L2TR INFINEON-AUIRF7769L2TR_15 Datasheet
453Kb / 11P
   Automotive DirectFET Power MOSFET
2015-10-5
logo
International Rectifier
AUIRF7669L2TR IRF-AUIRF7669L2TR Datasheet
288Kb / 11P
   Automotive DirectFET Power MOSFET
AUIRF7736M2TR1 IRF-AUIRF7736M2TR1 Datasheet
300Kb / 10P
   Automotive DirectFETPower MOSFET
logo
Infineon Technologies A...
AUIRF7737L2TR INFINEON-AUIRF7737L2TR Datasheet
298Kb / 10P
    Automotive DirectFET Power MOSFET
11/08/10
AUIRF7669L2TR INFINEON-AUIRF7669L2TR_15 Datasheet
449Kb / 11P
   Automotive DirectFET Power MOSFET
2015-11-16
logo
International Rectifier
AUIRL7766M2TR IRF-AUIRL7766M2TR Datasheet
234Kb / 11P
   Automotive DirectFETPower MOSFET
AUIRF7734M2TR IRF-AUIRF7734M2TR Datasheet
230Kb / 11P
   Automotive DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com