Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF7647S2TR Datasheet(PDF) 11 Page - International Rectifier

Part # AUIRF7647S2TR
Description  DirectFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7647S2TR Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIRF7647S2TR_11 Datasheet HTML 3Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 4Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 5Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 6Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 7Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 8Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 9Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 10Page - International Rectifier AUIRF7647S2TR_11 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AUIRF7647S2TR/TR1
www.irf.com
11
IMPORTANT NOTICE
Unless specifically designated for the automotive market, International Rectifier Corporation and its subsidiaries (IR) reserve the right to
make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discon-
tinue any product or services without notice. Part numbers designated with the “AU” prefix follow automotive industry and / or customer
specific requirements with regards to product discontinuance and process change notification. All products are sold subject to IR’s terms
and conditions of sale supplied at the time of order acknowledgment.
IR warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with IR’s standard
warranty. Testing and other quality control techniques are used to the extent IR deems necessary to support this warranty. Except where
mandated by government requirements, testing of all parameters of each product is not necessarily performed.
IR assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applica-
tions using IR components. To minimize the risks with customer products and applications, customers should provide adequate design and
operating safeguards.
Reproduction of IR information in IR data books or data sheets is permissible only if reproduction is without alteration and is accompanied
by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alterations is an unfair and decep-
tive business practice. IR is not responsible or liable for such altered documentation. Information of third parties may be subject to
additional restrictions.
Resale of IR products or serviced with statements different from or beyond the parameters stated by IR for that product or service voids all
express and any implied warranties for the associated IR product or service and is an unfair and deceptive business practice. IR is not
responsible or liable for any such statements.
IR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in
other applications intended to support or sustain life, or in any other application in which the failure of the IR product could create a
situation where personal injury or death may occur. Should Buyer purchase or use IR products for any such unintended or unauthorized
application, Buyer shall indemnify and hold International Rectifier and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of
personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that IR was negligent regarding the
design or manufacture of the product.
Only products certified as military grade by the Defense Logistics Agency (DLA) of the US Department of Defense, are designed and
manufactured to meet DLA military specifications required by certain military, aerospace or other applications. Buyers acknowledge and
agree that any use of IR products not certified by DLA as military-grade, in applications requiring military grade products, is solely at the
Buyer’s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use.
IR products are neither designed nor intended for use in automotive applications or environments unless the specific IR products are
designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the designation “AU”. Buyers acknowl-
edge and agree that, if they use any non-designated products in automotive applications, IR will not be responsible for any failure to meet
such requirements.
For technical support, please contact IR’s Technical Assistance Center
http://www.irf.com/technical-info/
WORLD HEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245
Tel: (310) 252-7105


Similar Part No. - AUIRF7647S2TR_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7647S2TR INFINEON-AUIRF7647S2TR_15 Datasheet
434Kb / 11P
   Automotive DirectFET Power MOSFET
9/30/2015
More results

Similar Description - AUIRF7647S2TR_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com