Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF5210S Datasheet(PDF) 10 Page - International Rectifier

Part # AUIRF5210S
Description  Advanced Planar Technology P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF5210S Datasheet(HTML) 10 Page - International Rectifier

Back Button AUIRF5210S Datasheet HTML 4Page - International Rectifier AUIRF5210S Datasheet HTML 5Page - International Rectifier AUIRF5210S Datasheet HTML 6Page - International Rectifier AUIRF5210S Datasheet HTML 7Page - International Rectifier AUIRF5210S Datasheet HTML 8Page - International Rectifier AUIRF5210S Datasheet HTML 9Page - International Rectifier AUIRF5210S Datasheet HTML 10Page - International Rectifier AUIRF5210S Datasheet HTML 11Page - International Rectifier AUIRF5210S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AUIRF5210S
10
www.irf.com
08/20/2012
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Similar Part No. - AUIRF5210S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF5210S INFINEON-AUIRF5210S Datasheet
314Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF5210STRL INFINEON-AUIRF5210STRL Datasheet
314Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF5210S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF4905S IRF-AUIRF4905S Datasheet
267Kb / 14P
   Advanced Planar Technology P-Channel MOSFET
AUIRF7313Q IRF-AUIRF7313Q Datasheet
245Kb / 10P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF7103Q IRF-AUIRF7103Q Datasheet
230Kb / 13P
   Advanced Planar Technology Dual N Channel MOSFET
AUIRF7303Q IRF-AUIRF7303Q Datasheet
228Kb / 10P
   Advanced Planar Technology Dual N Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AOI4185 DOINGTER-AOI4185 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AO4441 DOINGTER-AO4441 Datasheet
659Kb / 4P
   P-Channel MOSFET uses advanced trench technology
DO3407A DOINGTER-DO3407A Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AM4433P DOINGTER-AM4433P Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
AP9565GEJ DOINGTER-AP9565GEJ Datasheet
548Kb / 4P
   P-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com