Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB5N90 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB5N90
Description  N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB5N90 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB5N90 Datasheet HTML 1Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 2Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 3Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 4Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 5Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 6Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 7Page - Fairchild Semiconductor FQB5N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
Thermal Characteristics
FQB5N90
N-Channel QFET® MOSFET
900 V, 5.4 A, 2.3 Ω
Description
©2008 Fairchild Semiconductor Corporation
FQB5N90 Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 5.4 A, 900 V, RDS(on) = 2.3 Ω (Max.) @ VGS = 10 V,
ID = 2.7 A
• Low Gate Charge (Typ. 31 nC)
• Low Crss (Typ. 13 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQB5N90TM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
0.79
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
62.5
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
40
G
S
D
D2-PAK
G
S
D
• RoHS Compliant
Symbol
Parameter
FQB5N90TM
Unit
VDSS
Drain-Source Voltage
900
V
ID
Drain Current
5.4
A
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
3.42
A
IDM
Drain Current
- Pulsed
(Note 1)
21.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
660
mJ
IAR
Avalanche Current
(Note 1)
5.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TA = 25°C) *
3.13
W
Power Dissipation (TC = 25°C)
158
W
- Derate above 25°C
1.27
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8" from case for 5 seconds
300
°C


Similar Part No. - FQB5N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQB5N90 ISC-FQB5N90 Datasheet
387Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
More results

Similar Description - FQB5N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com