Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF2907ZS7PTL Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRF2907ZS7PTL
Description  Advanced Process Technology Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF2907ZS7PTL Datasheet(HTML) 5 Page - International Rectifier

  AUIRF2907ZS7PTL Datasheet HTML 1Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 2Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 3Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 4Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 5Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 6Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 7Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 8Page - International Rectifier AUIRF2907ZS7PTL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AUIRF2907ZS-7P
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
50
100
150
200
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 60V
VDS= 38V
VDS= 15V
ID= 110A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1.0
10.0
100.0
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
LIMITED BY PACKAGE


Similar Part No. - AUIRF2907ZS7PTL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2907Z IRF-AUIRF2907Z Datasheet
292Kb / 12P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF2907Z ETC2-AUIRF2907Z Datasheet
292Kb / 12P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF2907Z INFINEON-AUIRF2907Z Datasheet
395Kb / 10P
   Advanced Planar Technology
2017-09-21
More results

Similar Description - AUIRF2907ZS7PTL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com