Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP51N25 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP51N25
Description  N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP51N25 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP51N25 Datasheet HTML 1Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 2Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 3Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 4Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 5Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 6Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 7Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 8Page - Fairchild Semiconductor FDP51N25 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FDP51N25 / FDPF51N25 Rev. C1
www.fairchildsemi.com
5
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FDP51N25
Figure 11-2. Transient Thermal Response Curve for FDPF51N25 / FDPF51N25YDTU
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
* Notes :
1. Z
θJC
(t) = 0.39
0C/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = P DM * Z θJC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, S q uare W ave P ulse D uration [sec]
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
θJC
(t) = 3.3
0C/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * ZθJC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - FDP51N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP51N25 FAIRCHILD-FDP51N25 Datasheet
667Kb / 8P
   250V N-Channel MOSFET
FDP51N25 FAIRCHILD-FDP51N25 Datasheet
2Mb / 10P
   250V N-Channel MOSFET
FDP51N25 FAIRCHILD-FDP51N25 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP51N25 ISC-FDP51N25 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP51N25 FAIRCHILD-FDP51N25_08 Datasheet
2Mb / 10P
   250V N-Channel MOSFET
More results

Similar Description - FDP51N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDD6N50TMF085 FAIRCHILD-FDD6N50TMF085 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
logo
ON Semiconductor
NVTYS010N06CL ONSEMI-NVTYS010N06CL Datasheet
340Kb / 7P
   MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A
May, 2021 - Rev. 1
logo
Fairchild Semiconductor
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
logo
Fairchild Semiconductor
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com