Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM2-A-C14 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # FCM2-A-C14
Description  Cable Ties/Wiring Accessories Catalog?봚W-CTCB03
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FCM2-A-C14 Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button FCM2-A-C14 Datasheet HTML 2Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 3Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 4Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 5Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 6Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 7Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 8Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 9Page - PANDUIT CORP. FCM2-A-C14 Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
6
Most commonly used parts appear in BOLD.
STANDARD CROSS SECTION
PLT1S-C
4.8
(122)
.190
(4.8)
.052
(1.3)
.220
(5.6)
.316
(8.0)
1.00
(25)
50
(222)
GTS, GS2B, GTH,
GS4H, PTS,
PPTS, STS2
or STH2
100
1000
1000
25000
PLT1.5S-C
6.2
(157)
1.50
(38)
100
1000
1000
25000
PLT2S-C
7.4
(188)
1.88
(48)
100
1000
1000
10000
PLT2.5S-C
9.8
(249)
.337
(8.6)
2.50
(64)
100
1000
1000
10000
PLT3S-C
11.5
(292)
3.00
(76)
100
1000
1000
10000
PLT4S-C
14.5
(368)
4.00
(102)
100
1000
1000
5000
PLT4.5S-C
15.5
(394)
4.50
(114)
100
1000
1000
5000
PLT5S-C
17.5
(445)
5.00
(127)
100
500
1000
5000
PAN-TY
® Nylon 6.6
Locking Cable Ties —
Curved Tip
These versatile fasteners can be used in countless applications
wherever you need to bundle wire, cable, or hose. They tie bundle
diameters up to 13" (330mm), they also can be joined together for
even larger diameters. They have a minimum loop tensile strength
from 8 lbs. (36N) to 250 lbs. (1112N). Colors are available for
specific color-coding applications (see pages 24-26).
SUBMINIATURE AND MINIATURE CROSS SECTION
Part
Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
PLT.6SM-C
2.8
(71)
.070
(1.8)
.030
(.8)
.095
(2.4)
.125
(3.2)
.60
(15)
8
(36)
GTS, PTS
100
1000
1000
50000
PLT.7M-C
3.1
(79)
.090
(2.3)
.032
(.8)
.115
(2.9)
.180
(4.6)
.68
(17)
18
(80)
GTS, GS2B, PTS,
PPTS or STS2
100
1000
1000
50000
PLT1M-C
3.9
(99)
.098
(2.5)
.043
(1.1)
.154
(3.9)
.87
(22)
100
1000
1000
50000
PLT1.5M-C
5.6
(142)
1.25
(32)
100
1000
1000
50000
PLT2M-C
8.0
(203)
2.00
(51)
100
1000
1000
25000
INTERMEDIATE CROSS SECTION
PLT1.5I-C
5.6
(142)
.142
(3.6)
.045
(1.1)
.180
(4.6)
.240
(6.1)
1.38
(35)
40
(178)
GTS, GS2B, PTS,
PPTS or STS2
100
1000
1000
25000
PLT2I-C
8.0
(203)
2.00
(51)
100
1000
1000
25000
PLT2.5I-C
9.7
(246)
.145
(3.7)
.052
(1.3)
.260
(6.6)
2.50
(64)
100
1000
1000
10000
PLT3I-C
11.4
(290)
3.00
(76)
100
1000
1000
10000
PLT4I-C
14.5
(368)
4.00
(102)
100
1000
1000
10000
Nylon 6.6 Locking Cable Ties (PLT Series)
CURVED TIP
E
D
A REF.
B
C
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 24-26.
All part numbers shown in standard package quantities unless denoted by ‡.
Cable Ties for Automatic
Tools See Page 61.
Except PLT.6SM-C


Similar Part No. - FCM2-A-C14

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM2-A-C14 PANDUIT-FCM2-A-C14 Datasheet
488Kb / 8P
   Adhesive Backed Mounts and Devices Features and Benefits
More results

Similar Description - FCM2-A-C14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-1050 ADVANTECH-PCL-1050 Datasheet
262Kb / 1P
   Industrial Wiring Accessories
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
   Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
   Cable Ties and Fixings
10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com