Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN4393 Datasheet(PDF) 1 Page - Calogic, LLC

Part # PN4393
Description  N-Channel JFET Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

PN4393 Datasheet(HTML) 1 Page - Calogic, LLC

  PN4393 Datasheet HTML 1Page - Calogic, LLC PN4393 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET Switch
2N4391 – 2N4393 / PN4391 – PN4393 / SST4391 – SST4393
FEATURES
•• rds(on)<300 Ohms (2N4391)
•• ID(OFF)<100pA
•• Switches ±10VAC With ±15V Supplies (4392, 4393)
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +200oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
TO-18
TO-92
SOT-23
Power Dissipation
1.8W
360mW
350mW
Derate above 25
oC 10mW/oC
3.3mW/
oC
2.8mW/
oC
Plastic
Storage. . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC to +150oC
Operating . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC to +135oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4391/93
Hermetic TO-18
-55
oC to +200oC
PN4391/93
Plastic TO-92
-55
oC to +135oC
SST4391/93
Plastic SOT-23
-55
oC to +135oC
X2N4391/93
Sorted Chips in Carriers
-55
oC to +200oC
CORPORATION
PIN CONFIGURATION
D
S
G
TO-92
S
TO-18
G,C
D
5001
PRODUCT MARKING (SOT-23)
SST4391
N01
SST4392
N02
SST4393
N03
SOT-23
G
D
S
D S
G
TO - 92


Similar Part No. - PN4393

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN4393 PHILIPS-PN4393 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
logo
Fairchild Semiconductor
PN4393 FAIRCHILD-PN4393 Datasheet
474Kb / 10P
   N-Channel Switch
logo
Linear Integrated Syste...
PN4393 LINEAR-PN4393 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Vishay Siliconix
PN4393 VISHAY-PN4393 Datasheet
82Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jan-01
logo
Central Semiconductor C...
PN4393 CENTRAL-PN4393 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
More results

Similar Description - PN4393

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J108 CALOGIC-J108 Datasheet
21Kb / 1P
   N-Channel JFET Switch
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
   N-Channel JFET Switch
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
   N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
   N-Channel JFET Switch
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
   N-Channel JFET Switch
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
   N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
   N-Channel JFET Switch
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
   N-CHANNEL JFET SWITCH
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com