Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5485 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 2N5485
Description  N-Channel JFET High Frequency Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N5485 Datasheet(HTML) 1 Page - Calogic, LLC

  2N5485 Datasheet HTML 1Page - Calogic, LLC 2N5485 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET
High Frequency Amplifier
2N5484 – 2N5486
FEATURES
•• Up to 400MHz Operation
•• Economy Packaging
•• Crss <1.0pF
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Source Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Forward Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 310mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . 2.82mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N5484-86
Plastic TO-92
-55
oC to +135oC
X2N5484-86 Sorted chips in Carriers
-55
oC to +135oC
CORPORATION
PIN CONFIGURATION
TO-92
S G
D
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
2N5484
2N5485
2N5486
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
IGSS
Gate Reverse Current
-1.0
-1.0
-1.0
nA
VGS = -20V, VDS = 0
-200
-200
-200
TA = 100
oC
BVGSS
Gate-Source Breakdown Voltage
-25
-25
-25
V
IG = -1
µA, VDS = 0
VGS(off)
Gate-Source Cutoff Voltage
-0.3
-3.0
-0.5
-4.0
-2.0
-6.0
VDS = 15V, ID = 10nA
IDSS
Saturation Drain Current
1.0
5.0
4.0
10
8.0
20
mA
VDS = 15V, VGS = 0 (Note 1)
gfs
Common-Source Forward Transconductance
3000 6000 3500 7000 4000 8000
µS
VDS = 15V, VGS = 0
f = 1kHz
gos
Common-Source Output Conductance
50
60
75
Re(yfs)
Common-Source Forward
Transconductance (Note 2)
2500
f = 100MHz
3000
3500
f = 400MHz
Re(yos)
Common-Source Output
Conductance (Note 2)
75
f = 100MHz
100
100
f = 400MHz
Re(yis)
Common-Source Input Conductance (Note 2)
100
f = 100MHz
1000
1000
f = 400MHz
Ciss
Common-Source Input Capacitance (Note 2)
5.0
5.0
5.0
pF
f = 1MHz
Crss
Common-Source Reverse
Transfer Capacitance (Note 2)
1.0
1.0
1.0
Coss
Common-Source Output Capacitance (Note 2)
2.0
2.0
2.0
5000


Similar Part No. - 2N5485

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5485 FAIRCHILD-2N5485 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Central Semiconductor C...
2N5485 CENTRAL-2N5485 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5485 FAIRCHILD-2N5485 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
logo
Micro Electronics
2N5485 MICRO-ELECTRONICS-2N5485 Datasheet
150Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
logo
Vishay Siliconix
2N5485 VISHAY-2N5485 Datasheet
55Kb / 7P
   N-Channel JFETs
Rev. E, 04-Jun-01
More results

Similar Description - 2N5485

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J308 CALOGIC-J308 Datasheet
26Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
   N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
LS4416A_TO-92 MICROSS-LS4416A_TO-92 Datasheet
301Kb / 1P
   N-Channel high frequency JFET amplifier
logo
Calogic, LLC
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
   N-Channel high frequency JFET amplifier
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Calogic, LLC
U308 CALOGIC-U308 Datasheet
24Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
   N-Channel high frequency JFET amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com