Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5457 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 2N5457
Description  N-Channel JFET General Purpose Amplifier/Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N5457 Datasheet(HTML) 1 Page - Calogic, LLC

  2N5457 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
General Purpose Amplifier/Switch
2N5457 – 2N5459
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Drain-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Continuous Forward Gate Current . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 310mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . 2.82mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N5457-59
Plastic TO-92
-55
oC to +135oC
X2N5457-59 Sorted Chips in Carriers
-55
oC to +135oC
CORPORATION
PIN CONFIGURATION
TO-92
S G
D
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
BVGSS
Gate-Source Breakdown Voltage
-25
V
IG = -10
µA, VDS = 0
IGSS
Gate Reverse Current
-1.0
nA
VGS = -15V, VDS = 0
-200
VGS = -15V, VDS = 0, TA = 100
oC
VGS(off)
Gate-Source Cutoff Voltage
2N5457
-0.5
-6.0
V
VDS = 15V, ID = 10nA
2N5458
-1.0
-7.0
2N5459
-2.0
-8.0
VGS
Gate-Source Voltage
2N5457
2.5
V
VDS = 15V, ID = 100
µA, Typical
2N5458
3.5
VDS = 15V, ID = 200
µA, Typical
2N5459
4.5
VDS = 15V, ID = 400
µA, Typical
IDSS
Zero-Gate-Voltage Drain Current
(Note 1)
2N5457
1.0
5.0
mA
VDS = 15V, VGS = 0
2N5458
2.0
9.0
2N5459
4.0
16
| yfs |
Forward Transfer Admittance
2N5457
1000
5000
µS
VDS = 15V, VGS = 0 , f = 1kHz
2N5458
1500
5500
2N5459
2000
6000
| yos |
Output Admittance
50
µSVDS = 15V, VGS = 0, f = 1kHz
Ciss
Input Capacitance (Note 2)
7.0
pF
VDS = 15V, VGS = 0, f = 1MHz
Crss
Reverse Transfer Capacitance (Note 2)
3.0
pF
VDS = 15V, VGS = 0, f = 1MHz
NF
Noise Figure (Note 2)
3.0
dB
VDS = 15V, VGS = 0, RG = 1MHz, BW = 1Hz, f = 1kHz
NOTES: 1. Pulse test required. PW
≤630ms, duty cycle ≤10%.
2. For design reference only, not 100% tested.
5010


Similar Part No. - 2N5457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
logo
Motorola, Inc
2N5457 MOTOROLA-2N5457 Datasheet
59Kb / 3P
   N - Channel - Depletion
logo
List of Unclassifed Man...
2N5457 ETC1-2N5457 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Central Semiconductor C...
2N5457 CENTRAL-2N5457 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
ON Semiconductor
2N5457 ONSEMI-2N5457 Datasheet
56Kb / 5P
   JFETs ??General Purpose N?묬hannel ??Depletion
March, 2006 ??Rev. 5
More results

Similar Description - 2N5457

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
   N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Intersil Corporation
2N5452 INTERSIL-2N5452 Datasheet
65Kb / 2P
   DUAL N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5452 NJSEMI-2N5452 Datasheet
82Kb / 2P
   Dual N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
NTE Electronics
NTE456 NTE-NTE456 Datasheet
22Kb / 2P
   N-Channel Silicon JFET General Purpose Amp, Switch
logo
Intersil Corporation
2N5902 INTERSIL-2N5902 Datasheet
68Kb / 2P
   MONOLITHIC DUAL N CHANNEL JFET GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com