Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502S47N5R0MF3ESC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 502S47N5R0MF3ESC
Description  AC Safety Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502S47N5R0MF3ESC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  502S47N5R0MF3ESC Datasheet HTML 1Page - List of Unclassifed Manufacturers 502S47N5R0MF3ESC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
www.johanson dielectrics.com
ac safety caPacItors
Johanson Dielectrics Type SC ceramic chip capacitors are
designed for AC voltage surge and lightning protection in line-
to-ground interface applications in computer networks, modem,
facsimile and other equipment.
Johanson’s safety capacitor offering includes four different case
sizes and NPO and X7R dielectric materials.
These devices are surface mount ready with barrier terminations
and tape and reel packaging.
Information on capacitor safety ratings and certification details
may be found below.
L
W
T
E/B
Polyterm® soft termination
option for demanding
environments & processes
available on select parts,
please contact the factory.
SAFETY
RATING
VOLTAGE
RATING
WITHSTANDING
VOLTAGE
IMPuLSE
VOLTAGE
CASE
SIZE
JOHANSON
ORDERING P/N
X2/Y3
250 VAC
1,500 VAC
2,500 V
1808
302R29______V3E-****-SC
STANDARDS: IEC 60384-14:2005, EN 60950 2001 • UL 60950-01 CERTIFICATIONS: TUV Rheinland R 50227900 • UL File E121609• Semko 0026092-1 & 0003222-1
Y3
250 VAC
1,500 VAC
2,500 V
1812
302S43______V3E-****-SC
STANDARDS: IEC 60384-14:2005, EN 60950:2001 CERTIFICATIONS: TUV Rheinland R 50227900
X1/Y2
250 VAC
1,500 VAC
5,000 V
1808
502R29______V3E-****-SC
STANDARDS: IEC 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland R 50227900 / UL File E121609
Y2
250 VAC
1,500 VAC
5,000 V
2211
502R30______V3E-****-SC
STANDARDS: IEC 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland R 50227900 • UL File: E121609
X1/Y2
250 VAC
1,500 VAC
5,000 V
2220
502S47______V3E-****-SC
STANDARDS: IEC 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland R 50227900 • UL File: E121609
X Capacitors are defined as suitable for use in situations where failure of the capacitor would not lead to danger of electric shock.
Y Capacitors are defined as suitable for use in situations where failure of the capacitor could lead to danger of electric shock.


Similar Part No. - 502S47N5R0MF3ESC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
502S1103103XXXX VISHAY-502S1103103XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
502S1103220XXXX VISHAY-502S1103220XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
502S1103470XXXX VISHAY-502S1103470XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
502S110K20KBO1 VISHAY-502S110K20KBO1 Datasheet
261Kb / 4P
   7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
Revision: 12-Jul-07
502S1220103XXXX VISHAY-502S1220103XXXX Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
More results

Similar Description - 502S47N5R0MF3ESC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1COMPACT VISHAY-VY1COMPACT Datasheet
195Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX222MA5BA01 MURATA1-DE1E3KX222MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX471KN5A MURATA1-DE1B3KX471KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com