Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100X18X102MT4T Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 100X18X102MT4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X18X102MT4T Datasheet(HTML) 3 Page - Johanson Technology Inc.

  100X18X102MT4T Datasheet HTML 1Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 2Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 3Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 4Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 5Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 6Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 7Page - Johanson Technology Inc. 100X18X102MT4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.johanson dielectrics.com
X2Y® FILTER & DECOUPLING CAPACITORS
Dimensional View
Cross-sectional View
G
G
A
B
Equivalent Circuits
G1
A
G2
B
CB
W
EB
L
T
ELECTRICAL CHARACTERISTICS
NPO
X7R
X5R
Temperature Coefficient:
0±30ppm/°C (-55 to +125°C)
±15% (-55 to +125°C)
±15% (-55 to +85°C)
Dielectric Strength:
WVDC ≤ 100V: 2.5 X WVDC, 25°C, 50mA max.
WVDC = 500V: 1.4 X WVDC, 25°C, 50mA max.
Dissipation Factor:
0.1% max.
WVDC ≥ 50 VDC: 2.5% max.
WVDC = 25 VDC: 3.5% max.
WVDC = 10-16 VDC: 5.0% max.
WVDC = 6.3 VDC: 10% max.
WVDC ≥ 50 VDC: 5% max.
WVDC ≤ 25 VDC: 10% max.
Insulation Resistance
(Min. @ 25°C, WVDC)
C≤ 0.047µF: 1000 ΩF or 100 GΩ, whichever is less
C> 0.047µF: 500 ΩF or 10 GΩ, whichever is less
Test Conditions:
C > 100 pF; 1kHz ±50Hz; 1.0±0.2 VRMS
C ≤ 100 pF; 1Mhz ±50kHz; 1.0±0.2 VRMS
1.0kHz±50Hz @ 1.0±0.2 Vrms
Other:
See main catalog page 18 for additional dielectric specifications.
Power
Ground
G1
G2
A
B
Filtering
Circuit 1 S21
Signal-to-Ground
Decoupling
Circuit 2 S21
Power-to-Ground
G1
G2
A
B
Signal 1
Signal 2
Ground
10.0Ω
1.00Ω
0.10Ω
0.01Ω
10.0Ω
1.00Ω
0.10Ω
0.01Ω
Labeled capacitance values below follow the P/N order code or Y cap value (Circuit 1.)
Effective capacitance measured in Circuit 2 is 200% of the labled Circuit 1 Y cap value.
MECHANICAL CHARACTERISTICS
0402 (X07)
0603 (X14)
0805 (X15)
1206 (X18)
1210 (X41)
1410 (X44)
1812 (X43)
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
L
0.045 ±
0.003
1.143 ±
0.076
0.064 ±
0.005
1.626 ±
0.127
0.080 ±
0.008
2.032 ±
0.203
0.124 ±
0.010
3.150 ±
0.254
0.125 ±
0.010
3.175 ±
0.254
0.140 ±
0.010
3.556 ±
0.254
0.174 ±
0.010
4.420 ±
0.254
W
0.025 ±
0.003
0.635 ±
0.076
0.035 ±
0.005
0.889 ±
0.127
0.050 ±
0.008
1.270 ±
0.203
0.063 ±
0.010
1.600 ±
0.254
0.098 ±
0.010
2.489 ±
0.254
0.098 ±
0.010
2.490 ±
0.254
0.125 ±
0.010
3.175 ±
0.254
T
0.020
max
0.508
max
0.026
max
0.660
max
0.040
max
1.016
max
0.050
max
1.270
max
0.070
max
1.778
max
0.070
max
1.778
max
0.090
max
2.286
max
EB
0.008 ±
0.003
0.203 ±
0.076
0.010 ±
0.006
0.254 ±
0.152
0.012 ±
0.008
0.305 ±
0.203
0.016 ±
0.010
0.406 ±
0.254
0.018 ±
0.010
0.457 ±
0.254
0.018 ±
0.010
0.457 ±
0.254
0.022 ±
0.012
0.559 ±
0.305
CB
0.012 ±
0.003
0.305 ±
0.076
0.018 ±
0.004
0.457 ±
0.102
0.022 ±
0.005
0.559 ±
0.127
0.040 ±
0.005
1.016 ±
0.127
0.045 ±
0.005
1.143 ±
0.127
0.045 ±
0.005
1.143 ±
0.127
0.045 ±
0.005
1.143 ±
0.127


Similar Part No. - 100X18X102MT4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X18X102MF4E JOHANSON-100X18X102MF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X18X102MV4E JOHANSON-100X18X102MV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
More results

Similar Description - 100X18X102MT4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com