Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4640-EPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRGP4640-EPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4640-EPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRGP4640-EPBF Datasheet HTML 3Page - International Rectifier IRGP4640-EPBF Datasheet HTML 4Page - International Rectifier IRGP4640-EPBF Datasheet HTML 5Page - International Rectifier IRGP4640-EPBF Datasheet HTML 6Page - International Rectifier IRGP4640-EPBF Datasheet HTML 7Page - International Rectifier IRGP4640-EPBF Datasheet HTML 8Page - International Rectifier IRGP4640-EPBF Datasheet HTML 9Page - International Rectifier IRGP4640-EPBF Datasheet HTML 10Page - International Rectifier IRGP4640-EPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRGP4640PbF/IRGP4640-EPbF
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 29, 2013
11
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Highest passing voltage.
Qualification Information
Moisture Sensitivity Level
TO-247AC
N/A
TO-247AD
N/A
ESD
Qualification Level
Industrial
(per International Rectifier’s internal guidelines)
RoHS Compliant
Yes
Human Body Model
Class H1C (+/- 2000V)††
(per JEDEC JESD22-A114)
Charged Device Model
Class C5 (+/- 1000V)††
(per JEDEC JESD22-C101)
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/


Similar Part No. - IRGP4640-EPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRGP4640D ETC1-IRGP4640D Datasheet
337Kb / 12P
   INSULATED GATEBIPOLARTRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
IRGP4640D(-E)PBF INFINEON-IRGP4640D(-E)PBF Datasheet
787Kb / 18P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
January 20, 2015
logo
List of Unclassifed Man...
IRGP4640D-E ETC1-IRGP4640D-E Datasheet
337Kb / 12P
   INSULATED GATEBIPOLARTRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
logo
International Rectifier
IRGP4640D-EPBF IRF-IRGP4640D-EPBF Datasheet
337Kb / 12P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
IRGP4640D-EPBF INFINEON-IRGP4640D-EPBF Datasheet
787Kb / 18P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
January 20, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com