Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4063D1PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4063D1PBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4063D1PBF Datasheet(HTML) 1 Page - International Rectifier

  IRGP4063D1PBF Datasheet HTML 1Page - International Rectifier IRGP4063D1PBF Datasheet HTML 2Page - International Rectifier IRGP4063D1PBF Datasheet HTML 3Page - International Rectifier IRGP4063D1PBF Datasheet HTML 4Page - International Rectifier IRGP4063D1PBF Datasheet HTML 5Page - International Rectifier IRGP4063D1PBF Datasheet HTML 6Page - International Rectifier IRGP4063D1PBF Datasheet HTML 7Page - International Rectifier IRGP4063D1PBF Datasheet HTML 8Page - International Rectifier IRGP4063D1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
IRGP4063D1PbF
IRGP4063D1-EPbF
1
www.irf.com
© 2013 International Rectifier
June 24, 2013
VCES = 600V
IC = 60A, TC =100°C
tSC 5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.65V @ IC = 48A
G
C
E
Gate
Collector
Emitter
E
G
n-channel
C
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRGP4063D1PbF
TO-247AC
Tube
25
IRGP4063D1PbF
IRGP4063D1-EPbF
TO-247AD
Tube
25
IRGP4063D1-EPbF
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
100
IC @ TC = 100°C
Continuous Collector Current
60
ICM
Pulse Collector Current, VGE = 15V
200
A
ILM
Clamped Inductive Load Current, VGE = 20V 
192
IF @ TC = 25°C
Diode Continous Forward Current
30
IF @ TC = 100°C
Diode Continous Forward Current
15
IFM
Diode Maximum Forward Current 
120
VGE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
PD @ TC = 25°C
Maximum Power Dissipation
330
W
PD @ TC = 100°C
Maximum Power Dissipation
170
TJ
Operating Junction and
-40 to +175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
G
G
E
C
G
G
C
E
IRGP4063D1PbF 
 IRGP4063D1‐EPbF 
 
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Thermal Resistance
  
 
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT) Thermal Resistance Junction-to-Case-(each IGBT) 
–––
–––
0.45
RJC (Diode) Thermal Resistance Junction-to-Case-(each Diode) 
–––
–––
2.4
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40
°C/W
Absolute Maximum Ratings
Applica ons 
• Industrial Motor Drive 
• Inverters 
• UPS  
• Welding 
Features
Benefits
Low VCE(ON) and switching losses
High efficiency in a wide range of applications and
switching frequencies
Square RBSOA and maximum junction temperature 175°C
Improved reliability due to rugged hard switching
performance and higher power capability
Positive VCE (ON) temperature coefficient
Excellent current sharing in parallel operation
5µs short circuit SOA
Enables short circuit protection scheme
Lead-free, RoHS compliant
Environmentally friendly


Similar Part No. - IRGP4063D1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4063D1PBF IRF-IRGP4063D1PBF Datasheet
1Mb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4063D1PBF IRF-IRGP4063D1PBF_15 Datasheet
1Mb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRGP4063D1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com