Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP30B60KD-EP Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP30B60KD-EP
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP30B60KD-EP Datasheet(HTML) 2 Page - International Rectifier

  IRGP30B60KD-EP Datasheet HTML 1Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 2Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 3Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 4Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 5Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 6Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 7Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 8Page - International Rectifier IRGP30B60KD-EP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRGP30B60KD-EP
2
www.irf.com
Notes:
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
 V
CC = 80% (VCES), VGE = 15V, L = 28µH, RG = 22Ω.
‚ Energy losses include "tail" and diode reverse recovery.
22
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
–––
102
153
IC = 30A
Qge
Gate - Emitter Charge (turn-on)
–––
14
21
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
–––
44
66
VGE = 15V
Eon
Turn-On Switching Loss
–––
350
620
µJ
IC = 30A, VCC = 400V
Eoff
Turn-Off Switching Loss
–––
825
955
VGE =15V, RG = 10Ω, L=200µH,
Etot
Total Switching Loss
––– 1175 1575
LS = 150nH
TJ = 25°C
‚
td(on)
Turn-On Delay Time
–––
46
60
IC = 30A, VCC = 400V
tr
Rise Time
–––
28
39
VGE = 15V, RG = 10Ω L =200µH
td(off)
Turn-Off Delay Time
–––
185
200
ns
LS = 150nH, TJ = 25°C
tf
Fall Time
–––
31
40
Eon
Turn-On Switching Loss
–––
635 1085
IC = 30A, VCC = 400V
Eoff
Turn-Off Switching Loss
––– 1150 1350
µJ
VGE = 15V,RG = 10Ω, L =200µH
Etot
Total Switching Loss
––– 1785 2435
LS = 150nH
TJ = 150°C
‚
td(on)
Turn-On Delay Time
–––
46
60
IC = 30A, VCC = 400V
tr
Rise Time
–––
28
39
VGE = 15V, RG = 10Ω L =200µH
td(off)
Turn-Off Delay Time
–––
205
235
ns
LS = 150nH, TJ = 150°C
tf
Fall Time
–––
32
42
Cies
Input Capacitance
––– 1750 –––
VGE = 0V
Coes
Output Capacitance
–––
160
–––
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
–––
60
–––
f = 1.0MHz
TJ = 150°C, IC = 120A, Vp =600V
VCC = 500V, VGE = +15V to 0V,
TJ = 150°C, Vp =600V, RG = 10Ω
VCC = 360V, VGE = +15V to 0V
Erec
Reverse Recovery energy of the diode –––
925 1165
µJ
TJ = 150°C
trr
Diode Reverse Recovery time
–––
125
–––
ns
VCC = 400V, IF = 30A, L = 200µH
Irr
Diode Peak Reverse Recovery Current –––
43
48
A
VGE = 15V,RG = 10Ω, L
S = 150nH
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
RBSOA
Reverse Bias Safe Operting Area
FULL SQUARE
SCSOA
Short Circuit Safe Operting Area
10
–––
–––
Ref.Fig.
23
CT.1
CT.4
CT.4
13,15
WF1,WF2
4
CT.2
CT.3
WF.4
17,18,19
20,21
CT.4,WF.3
CT.4
RG=10
CT.4
14,16
WF1,WF2
µs
Ref.Fig.
5,6,7
9,10,11
9,10,11
12
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
–––
–––
V
VGE = 0V, IC = 500µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage –––
0.4
–––
V/°C
VGE = 0V, IC = 1.0mA, (25°C-150°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
–––
1.95 2.35
V
IC = 30A, VGE = 15V
–––
2.40 2.75
IC = 30A,VGE = 15V,
TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.5
4.5
5.5
V
VCE = VGE, IC = 250µA
VGE(th)/TJ Temperature Coeff. of Threshold Voltage –––
-10
––– mV/°C
VCE = VGE, IC = 1.0mA, (25°C-150°C)
gfe
Forward Transconductance
–––
18
–––
S
VCE = 50V, IC = 50A, PW=80µs
ICES
Zero Gate Voltage Collector Current
–––
5.0
250
µA
VGE = 0V, VCE = 600V
––– 1000 2000
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
–––
1.30 1.55
V
IF = 30A
–––
1.25 1.50
IF = 30A
TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
–––
––– ±100
nA
VGE = ±20V
8


Similar Part No. - IRGP30B60KD-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP30B60KD-EPBF IRF-IRGP30B60KD-EPBF Datasheet
276Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP30B60KD-EPBF IRF-IRGP30B60KD-EPBF_15 Datasheet
276Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP30B60KD-EP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com