Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7RA13UTRRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG7RA13UTRRPBF
Description  Advanced Trench IGBT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7RA13UTRRPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG7RA13UTRRPBF Datasheet HTML 1Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 2Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 3Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 4Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 5Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 6Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 7Page - International Rectifier IRG7RA13UTRRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
 
IRG7RA13UPbF
6
www.irf.com
© 2012 International Rectifier
November 5th, 2012
Fig 16a.
tst and EPULSE Test Circuit
Fig 16b.
tst Test Waveforms
Fig 16c.
EPULSE Test Waveforms
Fig 17.
- Gate Charge Circuit (turn-off)
DRIVER
DUT
L
C
VCC
RG
RG
B
A
Ipulse
PULSE A
PULSE B
tST
Energy
VCE
IC Current
1K
VCC
DUT
0
L


Similar Part No. - IRG7RA13UTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7R313 IRF-IRG7R313 Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313U IRF-IRG7R313U Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313UPBF IRF-IRG7R313UPBF Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
IRG7RC10FDPBF IRF-IRG7RC10FDPBF Datasheet
332Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7RA13UTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4055PBF IRF-IRGB4055PBF Datasheet
620Kb / 7P
   Advanced Trench IGBT Technology
IRG6B330UDPBF IRF-IRG6B330UDPBF_15 Datasheet
275Kb / 7P
   Advanced Trench IGBT Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Advanced Power Electron...
AP40G120W A-POWER-AP40G120W_14 Datasheet
99Kb / 3P
   Advanced IGBT Technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com