Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH50K10DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PH50K10DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH50K10DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PH50K10DPBF Datasheet HTML 1Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 2Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 3Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 4Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 5Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 6Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 7Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 8Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRG7PH50K10DPbF/IRG7PH50K10D-EPbF
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
1.4
V/°C VGE = 0V, IC = 2mA (25°C-150°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.9
2.4
V
IC = 35A, VGE = 15V, TJ = 25°C
2.4
IC = 35A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
5.0
7.5
V
VCE = VGE, IC = 1.7mA
VGE(th)/TJ
Threshold Voltage Temperature Coeff.
-16
mV/°C VCE = VGE, IC = 1.7mA (25°C-150°C)
gfe
Forward Transconductance
20
S
VCE = 50V, IC = 35A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.0
35
µA
VGE = 0V, VCE = 1200V
1200
VGE = 0V, VCE = 1200V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±30V
VF  
2.5
3.3
V
IF = 8A
2.4
V
IF = 8A, TJ = 150°C
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max Units
Conditions
Qg
Total Gate Charge (turn-on)
200
300
nC
IC = 35A
Qge
Gate-to-Emitter Charge (turn-on)
40
60
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
90
135
VCC = 600V
Eon
Turn-On Switching Loss
2.6
3.5
mJ   IC = 35A, VCC = 600V, VGE=15V
RG = 5, TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
1.6
2.5
Etotal
Total Switching Loss
 
4.2 
6.0 
td(on)
Turn-On delay time
90
105
ns 
tr
Rise time
60
80
td(off)
Turn-Off delay time
340
390
tf
Fall time
90
110
Eon
Turn-On Switching Loss
3.5
mJ  I
C = 35A, VCC = 600V, VGE=15V
RG = 5, TJ = 150°C
Energy losses include tail & diode
reverse recovery  
Eoff
Turn-Off Switching Loss
2.8
Etotal
Total Switching Loss
6.3
td(on)
Turn-On delay time
70
ns
tr
Rise time
60
td(off)
Turn-Off delay time
350
tf
Fall time
250
Cies
Input Capacitance
4300
VGE = 0V
Coes
Output Capacitance
190
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
100
f = 1.0Mhz
RBSOA
Reverse Bias Safe Operating Area
TJ = 150°C, IC = 160A
FULL SQUARE
VCC = 960V, Vp ≤ 1200V
VGE = +20V to 0V
SCSOA  
Short Circuit Safe Operating Area  
10 
—  
—  
µs  
TJ = 150°C,VCC = 600V, Vp ≤ 1200V
VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
190
µJ
TJ = 150°C
trr
Diode Reverse Recovery Time
130
ns
VCC = 600V, IF = 8A
Irr
Peak Reverse Recovery Current
13
A
VGE = 15V, Rg = 5
Diode Forward Voltage Drop  
2
www.irf.com
© 2012 International Rectifier
January 09, 2013
Notes:
VCC = 80% (VCES), VGE = 20V
Ris measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Maximum limits are based on statistical sample size characterization.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement
.


Similar Part No. - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF_15 Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com