Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301S43W474KV6U Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 301S43W474KV6U
Description  TIP & RING CHIP CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

301S43W474KV6U Datasheet(HTML) 2 Page - Johanson Technology Inc.

  301S43W474KV6U Datasheet HTML 1Page - Johanson Technology Inc. 301S43W474KV6U Datasheet HTML 2Page - Johanson Technology Inc. 301S43W474KV6U Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.johanson dielectrics.com
TIP & RING CHIP CAPACITORS
HOW TO ORDER TIP & RING
P/N written: 251S43W474MV4E
MARKING
4 = Unmarked
6 = EIA “J” Code*
TAPE MODIFIER
Code
Type Reel
E
Plastic
7”
U
Plastic
13”
Tape specifications
conform to EIA RS481
E
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
V
DIELECTRIC
W = X7R
W
CASE SIZE
See Chart
S43
VOLTAGE
251 = 250 V
301 = 300 V
251
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros.
474 = 0.47 µF
105 = 1.00 µF
474
TOLERANCE
K = ± 10%
M = ± 20%
Z = +80% -20%
M
CAPACITANCE SELECTION - 0805-1808 SIZE
Please contact the factory for capacitance, voltage, case size combinations not shown.
1000 pF
1200 pF
1500 pF
1800 pF
2200 pF
2700 pF
3300 pF
3900 pF
4700 pF
5600 pF
8200 pF
.010 µF
.012 µF
.015 µF
.018 µF
.022 µF
.027 µF
.033 µF
.039 µF
.047 µF
.056 µF
.068 µF
.082 µF
0.10 µF
0.22 µF
0.27 µF
250 VDC
250 VDC
250 VDC
250 VDC
INCHES
(mm)
.080 ±.010
(2.03 ±.25)
.050 ±.010
(1.27 ±.25)
.050 Max.
(1.27)
.020 ±.010
(0.51±.25)
L
W
T
E/B
INCHES
(mm)
.180 ±.010
(4.57 ±.25)
.080 ±.010
(2.41 ±.25)
.065 Max.
(1.65)
.020 ±.010
(0.51±.25)
L
W
T
E/B
INCHES
(mm)
.125 ±.010
(3.18 ±.25)
.095 ±.010
(2.41 ±.25)
.065 Max.
(1.65)
.020 ±.010
(0.51±.25)
L
W
T
E/B
INCHES
(mm)
.125 ±.010
(3.17 ±.25)
.062 ±.010
(1.57 ±.25)
.055 Max.
(1.40)
.020 ±.010
(0.51±.25)
L
W
T
E/B
R15 / 0805
R18 / 1206
R29 / 1808
S41 / 1210
DIELECTRIC
X7R


Similar Part No. - 301S43W474KV6U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301S43W474KV6U ETC2-301S43W474KV6U Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
More results

Similar Description - 301S43W474KV6U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
LD05-20 AVX-LD05-20 Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com